Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4854 Datasheet HTML 1Page - National Semiconductor (TI) LM4854 Datasheet HTML 2Page - National Semiconductor (TI) LM4854 Datasheet HTML 3Page - National Semiconductor (TI) LM4854 Datasheet HTML 4Page - National Semiconductor (TI) LM4854 Datasheet HTML 5Page - National Semiconductor (TI) LM4854 Datasheet HTML 6Page - National Semiconductor (TI) LM4854 Datasheet HTML 7Page - National Semiconductor (TI) LM4854 Datasheet HTML 8Page - National Semiconductor (TI) LM4854 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Connection Diagrams
20038202
Top View (Bump-side down)
Order Number LM4854IBL
See NS Package Number BLA12BAB
Micro SMD Marking
20038203
Top View
X - Date Code
T - Die Traceability
G - Boomer Family
54 - LM4854IBL
LM4854IBL Pin Designation
Pin (Bump) Number
Pin Function
A1
L-IN
B1
GND
C1
R-IN
D1
MONO-IN
A2
L-OUT
B2
BYPASS
C2
HP-SENSE
D2
R-OUT
A3
SHUTDOWN
B3
V
DD
C3
BTL-OUT
D3
STANDBY
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com