Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4854 Datasheet HTML 1Page - National Semiconductor (TI) LM4854 Datasheet HTML 2Page - National Semiconductor (TI) LM4854 Datasheet HTML 3Page - National Semiconductor (TI) LM4854 Datasheet HTML 4Page - National Semiconductor (TI) LM4854 Datasheet HTML 5Page - National Semiconductor (TI) LM4854 Datasheet HTML 6Page - National Semiconductor (TI) LM4854 Datasheet HTML 7Page - National Semiconductor (TI) LM4854 Datasheet HTML 8Page - National Semiconductor (TI) LM4854 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Absolute Maximum Ratings (Notes 2,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation(Note 4)
Internally Limited
ESD Susceptibility (Note 5)
All pins except Pin C3 (IBL), Pin11
(LD/MT)
2000V
Pin C3 (IBL), Pin 11 (LD/MT)
8000V
ESD Susceptibility(Note 6)
200V
Junction Temperature (T
J)
150˚C
Solder Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-540 "Surface Mounting and
their Effects on Product Reliability"
for other methods of soldering
surface-mount devices.
Thermal Resistance
θ
JA (typ) — BLA12BAB
121˚C/W
θ
JC (typ) — LDA14A
3˚C/W
θ
JA (typ) — LDA14A
42˚C/W (Note 7)
θ
JC (typ) — MTC14
40˚C/W
θ
JA (typ) — MTC14
109˚C/W
Operating Ratings (Note 3)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.4V
≤ V
DD
≤ 5.5V
Electrical Characteristics for Entire Amplifier (V
DD = 5V)
The following specifications apply for circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4854
Units
(Limits)
Typical
(Note 8)
Limit
(Notes 9,
10)
I
DD
Quiescent Power Supply Current
V
IN = 0V; IO = 0A, No Load
5.0
12
mA max)
V
IN = 0V; IO = 0A, 8
Ω Load
6.5
15
mA (max)
I
STBY
Standby Quiescent Power Supply
Current
V
STANDBY = GND
27
35
µA (max)
I
SD
Shutdown Quiescent Power
Supply Current
V
SHUTDOWN = GND
0.05
0.2
µA (max)
V
OS
Output Offset Voltage
8
Ω Load
2.0
40
mV (max)
PSRR
Power Supply Rejection Ratio
C
BYPASS = 1.0µF, RSOURCE =10
Ω
V
RIPPLE = 200mVp-p sinewave
BTL, R
L =8
Ω,R
IN =10
Ω
f
IN = 217Hz
f
IN = 1kHz
SE, R
L =32
Ω,R
IN =10
Ω
f
IN = 217Hz
f
IN = 1kHz
61
63
dB
dB
68
71
dB
dB
t
RSH
Return-from-Shutdown Time
C
BYPASS = 1.0µF
200
ms
t
RST
Return-from-Standby Time
0.1
1.0
ms(max)
V
IH
Shutdown or Standby Logic High
Treshold
1.4
V (min)
V
IL
Shutdown or Standby Logic Low
Treshold
0.4
V (max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com