Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 5Page - National Semiconductor (TI) LM4854 Datasheet HTML 6Page - National Semiconductor (TI) LM4854 Datasheet HTML 7Page - National Semiconductor (TI) LM4854 Datasheet HTML 8Page - National Semiconductor (TI) LM4854 Datasheet HTML 9Page - National Semiconductor (TI) LM4854 Datasheet HTML 10Page - National Semiconductor (TI) LM4854 Datasheet HTML 11Page - National Semiconductor (TI) LM4854 Datasheet HTML 12Page - National Semiconductor (TI) LM4854 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
External Components Description
See Figure 1.
Components
Functional Description
1.
R
i
This is the inverting input resistance that, along with R
f, sets the closed-loop gain. Input resistance Ri and
input capacitance C
i form a high pass filter. The filter’s cutoff frequency is fc = 1/2
πR
iCi.
2.
C
i
This is the input coupling capacitor. It blocks DC voltage at the amplifier’s inverting input. C
i and Ri create a
highpass filter. The filter’s cutoff frequency is f
c = 1/2
πR
iCi. Refer to the Application Information section,
SELECTING EXTERNAL COMPONENTS, for an explanation of determining C
i’s value.
3.
R
f
This is the feedback resistance that, along with R
i, sets the closed-loop gain.
4.
C
s
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of, this capacitor.
5.
C
B
This capacitor filters the half-supply voltage present on the BYPASS pin. Refer to the Application
Information section, SELECTING EXTERNAL COMPONENTS, for information about properly placing, and
selecting the value of, this capacitor..
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
200382D8
LM4854LD
V
DD = 5V, RL =4
Ω (BTL),
P
OUT = 1000mW
200382D9
LM4854LD
V
DD = 5V, RL =4
Ω (BTL),
P
OUT = 400mW
THD+N vs Frequency
THD+N vs Frequency
200382C0
V
DD = 5V, RL =8
Ω (BTL),
P
OUT = 400mW
200382B8
V
DD = 5V, RL =16
Ω (SE),
P
OUT = 50mW
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com