Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 14Page - National Semiconductor (TI) LM4854 Datasheet HTML 15Page - National Semiconductor (TI) LM4854 Datasheet HTML 16Page - National Semiconductor (TI) LM4854 Datasheet HTML 17Page - National Semiconductor (TI) LM4854 Datasheet HTML 18Page - National Semiconductor (TI) LM4854 Datasheet HTML 19Page - National Semiconductor (TI) LM4854 Datasheet HTML 20Page - National Semiconductor (TI) LM4854 Datasheet HTML 21Page - National Semiconductor (TI) LM4854 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Typical Performance Characteristics (Continued)
Channel-to-Channel Crosstalk
vs Frequency
Channel-to-Channel Crosstalk
vs Frequency
200382D4
V
DD = 5V, RL =16
Ω (SE)
A = Left channel driven, right channel measured
B = Right channel driven, left channel measured
200382D5
V
DD = 5V, RL =32
Ω (SE)
A = Left channel driven, right channel measured
B = Right channel driven, left channel measured
Channel-to-Channel Crosstalk
vs Frequency
Channel-to-Channel Crosstalk
vs Frequency
200382D6
V
DD = 3V, RL =16
Ω (SE)
A = Left channel driven, right channel measured
B = Right channel driven, left channel measured
200382D7
V
DD = 3V, RL =32
Ω (SE)
A = Left channel driven, right channel measured
B = Right channel driven, left channel measured
Application Information
ELIMINATING OUTPUT COUPLING CAPACITORS
Typical single-supply audio amplifiers that can switch be-
tween driving bridge-tied-load (BTL) speakers and single-
ended (SE) headphones use a coupling capacitor on each
SE output. This capacitor blocks the half-supply voltage to
which the output amplifiers are typically biased and couples
the audio signal to the headphones. The signal returns to
circuit ground through the headphone jack’s sleeve.
The LM4854 eliminates these coupling capacitors. When the
LM4854 is configured to drive SE loads, AMP2 is internally
configured to apply V
DD/2 to a stereo headphone jack’s
sleeve. This voltage equals the quiescent voltage present on
the Amp1 and Amp3 outputs that drive the headphones.
Headphones driven by the LM4854 operate in a manner very
similar to a BTL load. The same DC voltage is applied to
each input terminal on a headphone speaker. This results in
no net DC current flow through the speaker. AC current flows
through a headphone speaker as an audio signal’s output
amplitude increases on one of the speaker’s terminal.
When operating as a headphone amplifier, the headphone
jack sleeve is not connected to circuit ground, but to V
DD/2.
Using the headphone output jack as a line-level output will
place the LM4854’s one-half supply voltage on a plug’s
sleeve connection. Driving a portable notebook computer or
audio-visual display equipment is possible. This presents no
difficulty when the external equipment uses capacitively
coupled inputs. For the very small minority of equipment that
is DC-coupled, the LM4854 monitors the current supplied by
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com