Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 20Page - National Semiconductor (TI) LM4854 Datasheet HTML 21Page - National Semiconductor (TI) LM4854 Datasheet HTML 22Page - National Semiconductor (TI) LM4854 Datasheet HTML 23Page - National Semiconductor (TI) LM4854 Datasheet HTML 24Page - National Semiconductor (TI) LM4854 Datasheet HTML 25Page - National Semiconductor (TI) LM4854 Datasheet HTML 26Page - National Semiconductor (TI) LM4854 Datasheet HTML 27Page - National Semiconductor (TI) LM4854 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Application Information (Continued)
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain AVD, determines the
upper passband response limit. With AVD = 3 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
300kHz. This is less than the LM4854’s 3.5MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain while avoiding performance restricting
bandwidth limitations.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 5 through 9 show the recommended four-layer PC
board layout that is optimized for the micro SMD-packaged
LM4854 and associated external components. Figures 10
through 12 show the recommended two-layer PC board
layout that is optimized for the TSSOP-packaged LM4854
and associated external components. Figures 13 through 17
show the recommended four-layer PC board layout that is
optimized for the LLP-packaged LM4854 and associate ex-
ternal components.
These circuits are designed for use with an external 5V
supply and 8
Ω(min) speakers.These circuit boards are easy
to use. Apply 5V and ground to the board’s V
DD and GND
pads, respectively. Connect a speaker between the board’s
L-OUT and BTL-OUT or headphones to the headphone jack
(L-OUT and R-OUT outputs).
Demonstration Board Layout
20038221
FIGURE 5. Recommended microSMD PC Board
Layout:
Component-Side SilkScreen
20038222
FIGURE 6. Recommended microSMD PC Board
Layout:
Component-Side Layout
20038223
FIGURE 7. Recommended microSMD PC Board
Layout:
Upper Inner-Layer Layout
20038224
FIGURE 8. Recommended microSMD PC Board
Layout:
Lower Inner-Layout Layer
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com