Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 3Page - National Semiconductor (TI) LM4854 Datasheet HTML 4Page - National Semiconductor (TI) LM4854 Datasheet HTML 5Page - National Semiconductor (TI) LM4854 Datasheet HTML 6Page - National Semiconductor (TI) LM4854 Datasheet HTML 7Page - National Semiconductor (TI) LM4854 Datasheet HTML 8Page - National Semiconductor (TI) LM4854 Datasheet HTML 9Page - National Semiconductor (TI) LM4854 Datasheet HTML 10Page - National Semiconductor (TI) LM4854 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Electrical Characteristics for Entire Amplifier (V
DD = 3.0V) (Continued)
The following specifications apply for circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4854
Units
(Limits)
Typical
(Note 8)
Limit
(Notes 9,
10)
PSRR
Power Supply Rejection Ratio
C
BYPASS = 1.0µF, RSOURCE =10
Ω
V
RIPPLE = 200mVp-p sinewave
BTL, R
L =8
Ω,R
IN =10
Ω
f
IN = 217Hz
f
IN = 1kHz
SE, R
L =32
Ω,R
IN =10
Ω
f
IN = 217Hz
f
IN = 1kHz
62
62
dB
dB
68
72
dB
dB
t
RSH
Return-from-Shutdown Time
C
BYPASS = 1.0µF
200
ms
t
RST
Return-from-Standby Time
0.1
1.0
ms(max)
V
IH
Shutdown or Standby Logic High
Treshold
1.4
V (min)
V
IL
Shutdown or Standby Logic Low
Treshold
0.4
V (max)
Electrical Characteristics : Bridged-Mode Operation (V
DD = 3.0V) (Notes 4, 9)
The following specifications apply for for the circuit shown in Figure 1 and a measurement bandwith of 20Hz to 80kHz, unless
otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4854
Units
(Limits)
Typical
(Note 8)
Limit
(Notes 9,
10)
P
O
Output Power (Note11)
THD = 1% (max); f = 1kHz (Note11)
R
L =4
Ω (LM4854LD)
R
L =8
Ω
1.0
380
350
W
mW (min)
THD = 10% (max); f = 1kHz (Note11)
R
L =4
Ω (LM4854LD)
R
L =8
Ω
1.1
530
W
mW
THD+N
Total Harmonic Distortion+Noise
20Hz
≤ f
IN
≤ 20kHz
R
L =4
Ω,P
O = 800mW (LM4854LD)
R
L =8
Ω,P
O = 150mW
0.3
0.21
%
%
f
IN = 1kHz
R
L =4
Ω,P
O = 500mW (LM4854LD)
R
L =8
Ω,P
O = 150mW
0.1
0.075
%
%
S/N
Signal-to-Noise Ratio
f
IN = 1kHz, CBYPASS = 1.0µF
P
O = 900mW, RL =8
Ω
90
dB
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com