Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 18Page - National Semiconductor (TI) LM4854 Datasheet HTML 19Page - National Semiconductor (TI) LM4854 Datasheet HTML 20Page - National Semiconductor (TI) LM4854 Datasheet HTML 21Page - National Semiconductor (TI) LM4854 Datasheet HTML 22Page - National Semiconductor (TI) LM4854 Datasheet HTML 23Page - National Semiconductor (TI) LM4854 Datasheet HTML 24Page - National Semiconductor (TI) LM4854 Datasheet HTML 25Page - National Semiconductor (TI) LM4854 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application Information (Continued)
Figure 4 shows an optional resistor connected between the
amplifier output that drives the headphone jack sleeve and
ground. This resistor provides a ground path that supressed
power supply hum. This hum may occur in applications such
as notebook computers in a shutdown condition and con-
nected to an external powered speaker. The resistor’s 100
Ω
value is a suggested starting point. Its final value must be
determined based on the tradeoff between the amount of
noise suppression that may be needed and minimizing the
additional current drawn by the resistor (25mA for a 100
Ω
resistor and a 5V supply).
Single-Ended Output Power Performance and Measure-
ment Considerations
The LM4854 delivers clean, low distortion SE output power
into loads that are greater than 10
Ω. As an example, output
power for 16
Ω and 32Ω loads are shown in the Typical
Performance Characteristic curves. For loads less than 10
Ω,
the LM4854 can typically supply 180mW of low distortion
power. However, when higher dissipation is desired in loads
less than 10
Ω, a dramatic increase in THD+N may occur.
This is normal operation and does not indicate that proper
functionality has ceased. When a jump from moderate to
excessively high distortion is seen, simply reducing the out-
put voltage swing will restore the clean, low distortion SE
operation.
The dramatic jump in distortion for loads less than 10
Ω
occurs when current limiting circuitry activates. During SE
operation, AMP2 (refer to Figure 2) drives the headphone
sleeve. An on-board circuit monitors this amplifier’s output
current. The sudden increase in THD+N is caused by the
current limit circuitry forcing AMP2 into a high-impedance
output mode. When this occurs, the output waveform has
discontinuities that produce large amounts of distortion. It
has been observed that as the output power is steadily
increased, the distortion may jump from 5% to greater than
35%. Indeed, 10% THD+N may not actually be achievable.
ESD Protection
As stated in the Absolute Maximum Ratings, the AMP2
output pin has a maximum ESD susceptibility rating of
8000V. For higher ESD voltages, the addition of a PCDN042
dual transil (from California Micro Devices), as shown in
Figure 4, will provide additional protection.
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitor (Ci in Figure 2). A high value capaci-
tor can be expensive and may compromise space efficiency
in portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Applications
using speakers with this limited frequency response reap
little improvement by using large input capacitor.
The LM4854’s advanced output transient suppression cir-
cuitry has eliminated the need to select the input capacitor’s
value in relation to the BYPASS capacitor’s value as was
necessary in some previous Boomer amplifiers. The value of
CI is now strictly determined by the desired low frequency
response.
As shown in Figure 2, the input resistor (R
i) and the input
capacitor (C
i) produce a high pass filter cutoff frequency that
is found using Equation (7).
f
c =1/(2
πR
iCi)
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, C
i, using Equation (7) is 0.063µF. The 1.0µF
C
i shown in Figure 2 allows the LM4854 to drive high effi-
ciency, full range speaker whose response extends below
30Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of CB, the capacitor con-
nected to the BYPASS pin. Since C
B determines how fast
the LM4854 settles to quiescent operation, its value is critical
when minimizing turn-on pops. The slower the LM4854’s
outputs ramp to their quiescent DC voltage (nominally V
DD/
2), the smaller the turn-on pop. Choosing C
B equal to 1.0µF
along with a small value of Ci (in the range of 0.1µF to
0.39µF), produces a click-less and pop-less shutdown func-
tion. As discussed above, choosing C
i no larger than neces-
sary for the desired bandwidth helps minimize clicks and
pops. CB’s value should be in the range of 5 times to 7 times
the value of C
i. This ensures that output transients are
eliminated when power is first applied or the LM4854 re-
sumes operation after shutdown.
20038212
FIGURE 3. Headphone Circuit
200382E8
FIGURE 4. The PCDN042 provides additional ESD
protection beyond the 8000V shown in the Absolute
Maximum Ratings for the AMP2 output
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com