Electronic Components Datasheet Search
  English  ▼

X  

LM4854 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 13Page - National Semiconductor (TI) LM4854 Datasheet HTML 14Page - National Semiconductor (TI) LM4854 Datasheet HTML 15Page - National Semiconductor (TI) LM4854 Datasheet HTML 16Page - National Semiconductor (TI) LM4854 Datasheet HTML 17Page - National Semiconductor (TI) LM4854 Datasheet HTML 18Page - National Semiconductor (TI) LM4854 Datasheet HTML 19Page - National Semiconductor (TI) LM4854 Datasheet HTML 20Page - National Semiconductor (TI) LM4854 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Typical Performance Characteristics (Continued)
Power Dissipation
Derating Curve
Amplifier Power Dissipation
vs Load Power Dissipation
200382E7
LM4854MT, V
DD = 5V,
R
L =8
Ω (BTL), f
IN = 1kHz
200382C9
LM4854IBL/MT, V
DD = 3V,
(from top to bottom at 0.02W):
R
L =16
Ω (SE), R
L =32
Ω (SE), f
IN = 1kHz,
both channels driven and loaded
Output Power
vs Load Resistance
Output Power
vs Load Resistance
200382D2
LM4854IBL/MT, BTL Load,
(from top to bottom at 12
Ω):
V
DD = 5V, THD+N = 10%;
V
DD = 5V, THD+N = 1%
V
DD = 3V, THD+N = 10%
V
DD = 3V, THD+N = 1%
200382D3
LM4854IBL/MT, SE Load (both channels driven and
loaded),
f
IN = 1kHz, (from top to bottom at 12
Ω):
V
DD = 5V, THD+N = 10%;
V
DD = 5V, THD+N = 1%
V
DD = 3V, THD+N = 10%
V
DD = 3V, THD+N = 1%
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com