Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 4 Page - Texas Instruments

  ADS5103IPFB Datasheet HTML 1Page - Texas Instruments ADS5103IPFB Datasheet HTML 2Page - Texas Instruments ADS5103IPFB Datasheet HTML 3Page - Texas Instruments ADS5103IPFB Datasheet HTML 4Page - Texas Instruments ADS5103IPFB Datasheet HTML 5Page - Texas Instruments ADS5103IPFB Datasheet HTML 6Page - Texas Instruments ADS5103IPFB Datasheet HTML 7Page - Texas Instruments ADS5103IPFB Datasheet HTML 8Page - Texas Instruments ADS5103IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
4
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage:
VDD to AGND, DVDD to DGND
–0.3 V to 2.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DRVDD to DRGND
–0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
–0.3 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD to DVDD
–2.2 V to 2.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range REFT, REFB, to AGND
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CML, analog input voltage range AIN to AGND
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clock input CLK to DRGND
–0.3 V to DRVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital inputs to DRGND
–0.3 V to DRVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital outputs to DRGND
–0.3 V to DRVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
0
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
TYP
MAX
UNIT
Analog Inputs
Analog input voltage (AIN+, AIN–)
REFB
REFT
V
Input voltage, differential full scale
1
Vpp
Input common-mode voltage, (REFT+REFB)/2
0.8
1.1
V
Input capacitance (Ci), measured to ground
5
pF
Overvoltage recovery time, 1.8-V input voltage
10
ns
Analog input bandwidth
950
MHz
Input impedance (switch capacitor)
ADS5102
38.5
k
Ω
Input impedance (switch capacitor)
ADS5103
62.5
k
Ω
Supplies and References
Operating free-air temperature, TA
–40
85
°C
Analog supply voltage, AVDD
1.65
1.80
2.00
V
Digital supply voltage, DVDD
1.65
1.80
2.00
V
Digital driver supply voltage, DRVDD
1.65
1.80
3.6
V
Reference top voltage, VREFT
1.30
1.34
1.39
V
Reference bottom voltage, VREFB
0.78
0.81
0.84
V
Common-mode voltage, VCML
0.85
1.05
1.15
V
Bandgap voltage, VBG
1.22
1.27
1.32
V
Clock Inputs CLK
Sampling rate
ADS5102
1
65
MSPS
Sampling rate
ADS5103
1
40
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com