Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5103IPFB Datasheet HTML 15Page - Texas Instruments ADS5103IPFB Datasheet HTML 16Page - Texas Instruments ADS5103IPFB Datasheet HTML 17Page - Texas Instruments ADS5103IPFB Datasheet HTML 18Page - Texas Instruments ADS5103IPFB Datasheet HTML 19Page - Texas Instruments ADS5103IPFB Datasheet HTML 20Page - Texas Instruments ADS5103IPFB Datasheet HTML 21Page - Texas Instruments ADS5103IPFB Datasheet HTML 22Page - Texas Instruments ADS5103IPFB Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
20
www.ti.com
PRINCIPLES OF OPERATION
3 k
Ω
3 k
Ω
3 k
Ω
3 k
Ω
REFT
AIN–
AIN+
REFB
AIN+
AIN–
ADS5102
ADS5103
Figure 33. Driving the Analog Inputs
setting the bias resistor—RBIAS
Each device in this family requires an external resistor be connected from pin 14 to ground. The value of this
resistor is determined by which device is being used. Refer to Table 2 for the correct resistor value. This resistor
only dissipates less than 1 mW of power. The resistor accuracy of 1% is adequate.
Table 2. Resistor Value
DEVICE
RBIAS VALUE
CONNECT FROM
ADS5103
8.25 k
Ω
Pin 14 to AGND
ADS5102
4.42 k
Ω
Pin 14 to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com