Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 1 Page - Texas Instruments

  ADS5103IPFB Datasheet HTML 1Page - Texas Instruments ADS5103IPFB Datasheet HTML 2Page - Texas Instruments ADS5103IPFB Datasheet HTML 3Page - Texas Instruments ADS5103IPFB Datasheet HTML 4Page - Texas Instruments ADS5103IPFB Datasheet HTML 5Page - Texas Instruments ADS5103IPFB Datasheet HTML 6Page - Texas Instruments ADS5103IPFB Datasheet HTML 7Page - Texas Instruments ADS5103IPFB Datasheet HTML 8Page - Texas Instruments ADS5103IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS
ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
1
www.ti.com
FEATURES
D ADS5102 (65 MSPS) ADS5103 (40 MSPS)
D Differential Input
D 1.8 V Analog/Digital Supply
D Digital Outputs Compatible With 1.8 V or 3.3 V
Logic
D Signal-to-Noise: 58 dB at 20 MHz (ADS5103)
D Spurious Free Dynamic Range: 71 dB at
20 MHz (ADS5102)
D 105-mW Power Dissipation (ADS5103)
D 336 µW Power-Down Mode
APPLICATIONS
D Ultrasound
D Digital Cameras
D Imaging
D Communications
D Baseband Digitization
DESCRIPTION
The ADS5102/3 are low-power CMOS, 10-bit, analog-
to-digital converters (ADC) that operate from a single
1.8-V supply. The internal reference can be bypassed
to use an external reference to suit the dc accuracy and
temperature drift requirements of the application. A
10-bit parallel output data bus is provided with 3-state
outputs. For power sensitive systems, a standby mode
is provided which reduces power consumption to
336
µW. Also, if using external voltage reference, then
the internal VREF circuit can be powered down. The
analog input is differential, which provides excellent
common-mode noise rejection as well as superior
performance from the ADS5102/3.
FUNCTIONAL BLOCK DIAGRAM
Timing Circuitry
CM
AGND
BG
PDREF
REFT
REFB CML
DRGND
DGND
CLK
AIN+
AIN–
NC
RBIAS
NC
AVDD
STBY
DRVDD
DVDD
D[0–9]
OE
Sample
and Hold
10 Bit
ADC
3-State
Output
Buffers
Internal
Reference
Circuit
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ADS5103IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120 Datasheet
458Kb / 21P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI-ADS5120CGHK Datasheet
325Kb / 18P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI1-ADS5120CGHK Datasheet
458Kb / 21P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CZHK TI1-ADS5120CZHK Datasheet
458Kb / 21P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5103IPFB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9204 AD-AD9204 Datasheet
1Mb / 36P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649 Datasheet
1Mb / 32P
14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com