Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5103IPFB Datasheet HTML 8Page - Texas Instruments ADS5103IPFB Datasheet HTML 9Page - Texas Instruments ADS5103IPFB Datasheet HTML 10Page - Texas Instruments ADS5103IPFB Datasheet HTML 11Page - Texas Instruments ADS5103IPFB Datasheet HTML 12Page - Texas Instruments ADS5103IPFB Datasheet HTML 13Page - Texas Instruments ADS5103IPFB Datasheet HTML 14Page - Texas Instruments ADS5103IPFB Datasheet HTML 15Page - Texas Instruments ADS5103IPFB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
12
www.ti.com
TYPICAL CHARACTERISTICS
Figure 15
–80
–78
–76
–74
–72
–70
–68
–66
0
4
8
12
16
20
24
28
32
ADS5102
TOTAL HARMONIC DISTORTION
vs
ANALOG INPUT FREQUENCY
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 1–32 MHz at –1 dBFS
Analog Input Frequency – MHz
Figure 16
–70
–68
–66
–64
–62
–60
0
2468
10
12
14
16
18
20
ADS5103
TOTAL HARMONIC DISTORTION
vs
ANALOG INPUT FREQUENCY
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 1–19.99 MHz at –1 dBFS
Analog Input Frequency – MHz
Figure 17
56
57
58
59
60
61
0
4
8
12
16
20
24
28
32
ADS5102
SIGNAL-TO-NOISE RATIO
vs
ANALOG INPUT FREQUENCY
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 1–32 MHz at –1 dBFS
Analog Input Frequency – MHz
Figure 18
56
57
58
59
60
61
02468
10
12
14
16
18
20
ADS5103
SIGNAL-TO-NOISE RATIO
vs
ANALOG INPUT FREQUENCY
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 1–19.99 MHz at –1 dBFS
Analog Input Frequency – MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com