Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5103IPFB Datasheet HTML 15Page - Texas Instruments ADS5103IPFB Datasheet HTML 16Page - Texas Instruments ADS5103IPFB Datasheet HTML 17Page - Texas Instruments ADS5103IPFB Datasheet HTML 18Page - Texas Instruments ADS5103IPFB Datasheet HTML 19Page - Texas Instruments ADS5103IPFB Datasheet HTML 20Page - Texas Instruments ADS5103IPFB Datasheet HTML 21Page - Texas Instruments ADS5103IPFB Datasheet HTML 22Page - Texas Instruments ADS5103IPFB Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
19
www.ti.com
PRINCIPLES OF OPERATION
_
+
VO–
VO+
VOCM
THS4501
68 pF
68 pF
49.9
Ω
49.9
Ω
AIN–
AIN+
CML
ADS5102,
ADS5103
750
Ω
750
Ω
374
Ω
374
Ω
Digital
Outputs
V(source)
0.001
µF
0.1
µF
Figure 31. Driving the ADS5102/3 With Differential Amp (Gain = 2)
driving the analog input with a transformer
When little or no signal conditioning is required, a simple transformer is an excellent way to drive the input of
the ADS5102/3 family. The transformer provides single-ended to differential conversion and at frequencies
under 200 MHz produces very little distortion of the incoming signal. Figure 32 shows the preferred circuit
diagram for implementing a transformer-coupled input. The signal source is ac-coupled and fed to the primary
side of the RF transformer. Since the ADC input must be biased to the correct common mode voltage, the CML
output of the ADC is connected to the secondary center tap. It is recommended to provide decoupling capacitors
of 0.1
µF and 0.001 µF on the CML output. This filters out any high frequency noise prior the ADC input.
AIN–
AIN+
ADS5102,
ADS5103
V(source)
0.1
µF
0.001
µF
T1 – 1T-KK81
Mini-Circuits
49.9
Ω
0.1
µF
Digital
Outputs
CML
Figure 32. Driving the ADS5102/3 With a Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com