Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5103IPFB Datasheet HTML 5Page - Texas Instruments ADS5103IPFB Datasheet HTML 6Page - Texas Instruments ADS5103IPFB Datasheet HTML 7Page - Texas Instruments ADS5103IPFB Datasheet HTML 8Page - Texas Instruments ADS5103IPFB Datasheet HTML 9Page - Texas Instruments ADS5103IPFB Datasheet HTML 10Page - Texas Instruments ADS5103IPFB Datasheet HTML 11Page - Texas Instruments ADS5103IPFB Datasheet HTML 12Page - Texas Instruments ADS5103IPFB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 5
0.25
0.45
0.65
0.85
1.05
1.25
1.45
1.65
1.85
2.05
–40 –30 –20 –10 0
1020304050607080 90
ADS5102
INTEGRAL NONLINEARITY
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
T – Temperature –
°C
Figure 6
0.25
0.45
0.65
0.85
1.05
1.25
1.45
1.65
1.85
2.05
–40 –30 –20 –10 0
1020 304050607080 90
ADS5103
INTEGRAL NONLINEARITY
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
T – Temperature –
°C
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
64
128
192
256
320
384
448
512
576
640
704
768
832
896
960
Code
ADS5102
DIFFERENTIAL NONLINEARITY
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
1024
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com