Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5103IPFB Datasheet HTML 10Page - Texas Instruments ADS5103IPFB Datasheet HTML 11Page - Texas Instruments ADS5103IPFB Datasheet HTML 12Page - Texas Instruments ADS5103IPFB Datasheet HTML 13Page - Texas Instruments ADS5103IPFB Datasheet HTML 14Page - Texas Instruments ADS5103IPFB Datasheet HTML 15Page - Texas Instruments ADS5103IPFB Datasheet HTML 16Page - Texas Instruments ADS5103IPFB Datasheet HTML 17Page - Texas Instruments ADS5103IPFB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
14
www.ti.com
TYPICAL CHARACTERISTICS
Figure 23
68
70
72
74
76
78
80
0
4
8
12
16
20
24
28
32
ADS5102
SPURIOUS FREE DYNAMIC RANGE
vs
ANALOG INPUT FREQUENCY
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 1–32 MHz at –1 dBFS
Analog Input Frequency – MHz
Figure 24
60
61
62
63
64
65
66
67
68
69
70
02468
10
12
14
16
18
20
ADS5103
SPURIOUS FREE DYNAMIC RANGE
vs
ANALOG INPUT FREQUENCY
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 1–19.99 MHz at –1 dBFS
Analog Input Frequency – MHz
Figure 25
35
40
45
50
55
60
65
70
75
80
30
35
40
45
50
55
60
65
70
ADS5102
SFDR, SINAD
vs
CLOCK DUTY CYCLE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 3.58 MHz at –1 dBFS
Clock Duty Cycle – %
SINAD
SFDR
Figure 26
45
50
55
60
65
70
75
30
35
40
45
50
55
60
65
70
ADS5103
SFDR, SINAD
vs
CLOCK DUTY CYCLE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 3.58 MHz at –1 dBFS
Clock Duty Cycle – %
SINAD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com