Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5103IPFB Datasheet HTML 4Page - Texas Instruments ADS5103IPFB Datasheet HTML 5Page - Texas Instruments ADS5103IPFB Datasheet HTML 6Page - Texas Instruments ADS5103IPFB Datasheet HTML 7Page - Texas Instruments ADS5103IPFB Datasheet HTML 8Page - Texas Instruments ADS5103IPFB Datasheet HTML 9Page - Texas Instruments ADS5103IPFB Datasheet HTML 10Page - Texas Instruments ADS5103IPFB Datasheet HTML 11Page - Texas Instruments ADS5103IPFB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
8
www.ti.com
TYPICAL CHARACTERISTICS
ADS5102
ANALOG SUPPLY CURRENT
vs
TEMPERATURE
Figure 1
71
72
73
74
75
76
77
78
–40 –30 –20 –10 0
1020 304050607080 90
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 32.49 MHz at –1 dBFS
T – Temperature –
°C
Figure 2
45.0
45.5
46.0
46.5
47.0
47.5
48.0
48.5
49.0
49.5
50.0
–40 –30 –20 –10 0
1020 304050607080 90
ADS5103
ANALOG SUPPLY CURRENT
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 19.99 MHz at –1 dBFS
T – Temperature –
°C
Figure 3
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
–40 –30 –20 –10 0
1020 304050607080 90
ADS5102
DIGITAL SUPPLY CURRENT
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 32.49 MHz at –1 dBFS
T – Temperature –
°C
Figure 4
5
6
7
8
9
10
11
12
13
14
15
–40 –30 –20 –10 0
1020304050607080 90
ADS5103
DIGITAL SUPPLY CURRENT
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 19.99 MHz at –1 dBFS
T – Temperature –
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com