Electronic Components Datasheet Search
  English  ▼

X  

ADS5103IPFB Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5103IPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103IPFB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5103IPFB Datasheet HTML 3Page - Texas Instruments ADS5103IPFB Datasheet HTML 4Page - Texas Instruments ADS5103IPFB Datasheet HTML 5Page - Texas Instruments ADS5103IPFB Datasheet HTML 6Page - Texas Instruments ADS5103IPFB Datasheet HTML 7Page - Texas Instruments ADS5103IPFB Datasheet HTML 8Page - Texas Instruments ADS5103IPFB Datasheet HTML 9Page - Texas Instruments ADS5103IPFB Datasheet HTML 10Page - Texas Instruments ADS5103IPFB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
7
www.ti.com
electrical characteristics over recommended operating conditions, AVDD = DVDD = 1.8 V,
DRVDD = 3.3 V, Fs = 40, 65 MSPS (as appropriate)/50% duty cycle, –1 dBFS input span, CL = 10 pF
at D0–D9, internal reference, T(min) to T(max), typical data at 25°C (unless otherwise noted)
(continued)
timing characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock duty cycle
50
±10
%
td(o)
Output propagation delay
9
12
ns
t(en)
OE
↓ to outputs enabled time
6
ns
tdis
OE
↑ rising to outputs 3-state disable time
10
ns
td(latency)
Pipeline latency
5.5
cyc
td(ap)
Aperture delay
1
ns
Aperture uncertainty
2
ps rms
timing diagram
S2
S3
S1
S2
S3
12
3
4
56
7
8
9
10
td(latency)
t(en)
td(o)
tdis
Analog
CLK
OE
D[0–9]
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com