Electronic Components Datasheet Search
  English  ▼

X  

AT32032 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # AT32032
Description  AT32032
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32032 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button AT32032 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AT-32032 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 2.7 V, IC = 5 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.5
0.484
-70
18.65
8.559
113
-25.51
0.053
62
0.680
-26
0.75
0.344
-88
16.04
6.339
98
-23.25
0.069
61
0.602
-28
1.0
0.257
-103
13.98
5.000
87
-21.46
0.085
61
0.561
-29
1.5
0.165
-130
10.90
3.509
70
-18.59
0.118
60
0.522
-33
2.0
0.124
-160
8.76
2.740
57
-16.29
0.153
57
0.502
-39
3.0
0.112
143
5.93
1.979
33
-12.69
0.232
48
0.477
-55
4.0
0.144
100
4.19
1.620
13
-9.89
0.320
37
0.454
-73
5.0
0.209
72
3.01
1.414
-7
-7.55
0.419
24
0.418
-95
6.0
0.296
57
2.14
1.279
-25
-5.58
0.526
8
0.353
-124
7.0
0.394
43
1.43
1.179
-43
-3.94
0.636
-10
0.275
-166
8.0
0.489
28
0.70
1.084
-61
-2.79
0.725
-30
0.270
137
9.0
0.564
10
-0.12
0.986
-78
-2.18
0.778
-50
0.355
91
10.0
0.627
-9
-1.05
0.886
-94
-2.10
0.786
-71
0.455
58
Figure 11. Gain vs. Frequency at
2.7 V, 5 mA.
Note: dB(|S 21|) = 20 * log(|S21|)
AT-32032 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, VCE = 2.7 V, IC = 5 mA
Freq.
Fmin
Rn
Gassoc
GHz
dB
Mag
Ang
ohms
dB
0.9
0.9
0.23
71
7.5
15.6
1.8
1.2
0.295
138
5.1
11.5
2.0
1.2
0.31
152
4.6
10.4
2.5
1.3
0.35
-173
4.1
9.1
3.0
1.5
0.41
-142
5.8
8.2
3.5
1.7
0.47
-114
11.0
7.4
4.0
1.9
0.54
-93
20.0
6.7
Γ
opt
gmax
dB(S[2,1])
k
0
25
15
20
5
10
02
13
4
56
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG =
S21
(k
± √k2–1)
S12
MSG = |S21|/ |S12|
k =
1 – |S11| 2 – |S22| 2 + |D|2
; D = S11S22 – S12S21
2*|S12||S21|
88759/04-5.PM6.0J
2001.04.25, 7:54 PM
Page 6
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com