Electronic Components Datasheet Search
  English  ▼

X  

AT32032 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # AT32032
Description  AT32032
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32032 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button AT32032 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 10Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 11Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
AT-32032 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 5 V, IC = 2 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.940
-13
17.5
7.500
167
-36.0
0.016
83
0.981
-5
0.5
0.732
-56
14.9
5.588
129
-23.8
0.064
60
0.842
-22
0.9
0.518
-87
12.4
4.165
104
-21.1
0.088
51
0.714
-29
1.0
0.484
-93
11.6
3.814
99
-20.6
0.093
50
0.699
-30
1.5
0.342
-124
9.0
2.824
78
-19.0
0.112
49
0.632
-36
1.8
0.291
-142
7.8
2.466
67
-18.1
0.125
49
0.606
-40
2.0
0.265
-153
7.1
2.267
61
-17.5
0.134
50
0.596
-43
3.0
0.212
151
4.5
1.670
34
-14.0
0.199
50
0.566
-58
4.0
0.238
103
2.7
1.367
11
-10.7
0.293
43
0.549
-77
5.0
0.306
70
1.5
1.186
-8
-7.6
0.416
30
0.515
-102
6.0
0.383
50
0.6
1.067
-26
-5.2
0.550
13
0.453
-134
7.0
0.456
34
-0.1
0.990
-43
-3.3
0.682
-8
0.375
-177
8.0
0.523
19
-0.7
0.918
-59
-2.3
0.771
-31
0.373
130
9.0
0.573
2
-1.3
0.857
-75
-1.9
0.805
-53
0.437
86
10.0
0.620
--14
-2.0
0.792
-90
-2.0
0.791
-73
0.515
54
AT-32032 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, 5 V, IC = 2 mA
Freq.
Fmin
Rn
Gassoc
GHz
dB
Mag
Ang
ohms
dB
0.9
1.0
0.48
50
14.7
14.8
1.8
1.2
0.445
118
7.4
10.1
2.0
1.3
0.44
134
5.8
9.5
2.5
1.5
0.43
172
3.7
8.5
3.0
1.7
0.47
-154
5.0
7.7
3.5
1.9
0.53
-123
11.3
7.0
4.0
2.1
0.58
-98
23.7
6.4
Figure 13. Gain vs. Frequency at
5 V, 2 mA.
Note: dB(|S 21|) = 20 * log(|S21|)
Γ
opt
gmax
dB(S[2,1])
k
0
25
15
20
5
10
02
13
4
56
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG =
S21
(k
± √k2–1)
S12
MSG = |S21|/ |S12|
k =
1 – |S11|
2 – |S
22|
2 + |D|2
; D = S11S22 – S12S21
2 *|S12||S21|
88759/04-5.PM6.0J
2001.04.25, 7:55 PM
Page 8
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com