Electronic Components Datasheet Search
  English  ▼

X  

AT32032 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT32032
Description  AT32032
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32032 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT32032 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
0
2.5
1.5
2.0
0.5
1.0
0
2.0
1.0
3.0
4.0
FREQUENCY (GHz)
Figure 1. AT-32032 Typical Noise
Figure vs. Frequency at 1V, 1 mA.
2 mA
5 mA
10 mA
0
2.5
1.5
2.0
0.5
1.0
0
2.0
1.0
3.0
4.0
FREQUENCY (GHz)
Figure 2. AT-32032 Typical Noise
Figure vs. Frequency and Current at
2.7V.
2 mA
5 mA
10 mA
0
2.5
1.5
2.0
0.5
1.0
0
2.0
1.0
3.0
4.0
FREQUENCY (GHz)
Figure 3. AT-32032 Typical Noise
Figure vs. Frequency and Current at
5V.
0
12.0
6.0
9.0
3.0
0
2.0
1.0
3.0
4.0
FREQUENCY (GHz)
Figure 4. AT-32032 Associated Gain
vs. Frequency at 1V, 1 mA.
2 mA
5 mA
10 mA
0
20.0
10.0
15.0
5.0
0
2.0
1.0
3.0
4.0
FREQUENCY (GHz)
Figure 5. AT-32032 Associated Gain
vs. Frequency and Current at 2.7V.
2 mA
5 mA
10 mA
0
20.0
10.0
15.0
5.0
0
2.0
1.0
3.0
4.0
FREQUENCY (GHz)
Figure 6. AT-32032 Associated Gain
vs. Frequency and Current at 5V.
1 V
2.7 V
5 V
-10
20
5
10
-5
010
515
20
25
COLLECTOR CURRENT (mA)
Figure 7. AT-32032 P 1 dB vs. Collector
Current and Voltage (valid up to
2.4GHz).
15
0
1 V
2.7 V
5 V
0
20
8
12
4
04
26
8
10
COLLECTOR CURRENT (mA)
Figure 8a. G1 dB vs. Collector Current
and Voltage (at 900MHz).
16
1 V
2.7 V
5 V
0
16
4
8
04
26
8
10
COLLECTOR CURRENT (mA)
Figure 8b. G1 dB vs. Collector Current
and Voltage (at 1.8 GHz).
12
AT-32032 Typical Performance
88759/04-5.PM6.0J
2001.04.25, 7:54 PM
Page 3
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com