Electronic Components Datasheet Search
  English  ▼

X  

AT32032 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # AT32032
Description  AT32032
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32032 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button AT32032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 10Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 11Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 12Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 13Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AT-32032 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 5 V, IC = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.751
-26
27.7
24.169
152
-37.1
0.014
78
0.898
-13
0.5
0.322
-70
20.3
10.383
103
-26.4
0.048
68
0.584
-24
0.9
0.181
-84
15.9
6.208
85
-22.1
0.078
68
0.514
-25
1.0
0.160
-88
15.0
5.623
82
-21.3
0.086
67
0.508
-26
1.5
0.094
-102
11.8
3.885
68
-18.1
0.125
64
0.483
-30
1.8
0.068
-114
10.4
3.304
60
-16.5
0.149
61
0.473
-34
2.0
0.055
-123
9.6
3.012
56
-15.6
0.165
59
0.468
-37
3.0
0.032
146
6.7
2.161
34
-12.1
0.248
47
0.444
-52
4.0
0.075
86
4.9
1.759
14
-9.5
0.334
34
0.419
-70
5.0
0.148
67
3.7
1.538
-5
-7.5
0.424
20
0.375
-92
6.0
0.243
58
2.9
1.397
-24
-5.7
0.517
5
0.301
-120
7.0
0.354
47
2.2
1.292
-42
-4.3
0.613
-12
0.214
-162
8.0
0.464
32
1.5
1.190
-61
-3.2
0.695
-31
0.214
136
9.0
0.555
14
0.7
1.083
-79
-2.5
0.751
-51
0.311
89
10.0
0.636
-5
-0.3
0.967
-96
-2.3
0.765
-71
0.426
57
AT-32032 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, VCE = 5 V, IC = 10 mA
Freq.
Fmin
Rn
Gassoc
GHz
dB
Mag
Ang
ohms
dB
0.9
1.1
0.29
69
10.0
17.0
1.8
1.3
0.25
143
6.1
11.8
2.0
1.4
0.26
159
5.6
11.0
2.5
1.5
0.31
-165
5.5
9.6
3.0
1.7
0.37
-133
8.1
8.5
3.5
1.9
0.45
-106
14.6
7.7
4.0
2.1
0.52
-84
25.7
6.9
Figure 15. Gain vs. Frequency at
5 V, 10 mA.
Note: dB(|S 21|) = 20 * log(|S21|)
Γ
opt
gmax
dB(S[2,1])
k
0
25
15
20
5
10
02
13
4
56
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG =
S21
(k
± √k2–1)
S12
MSG = |S21|/ |S12|
k =
1 – |S11|
2 – |S
22|
2 + |D|2
; D = S11S22 – S12S21
2 *|S12||S21|
88759/04-5.PM6.0J
2001.04.25, 7:55 PM
Page 10
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com