Electronic Components Datasheet Search
  English  ▼

X  

AT32032 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # AT32032
Description  AT32032
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32032 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button AT32032 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 10Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AT-32032 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 2. 7 V, IC = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.5
0.292
-76.768
20.197
10.230
102.252
-26.558
0.047
68.475
0.577
-23.850
0.75
0.194
-89.611
17.121
7.179
90.014
-23.688
0.065
68.467
0.528
-24.315
1.0
0.139
-100.612
14.850
5.527
81.084
-21.463
0.085
67.769
0.504
-25.449
1.5
0.081
-126.165
11.624
3.813
66.997
-18.160
0.124
64.256
0.481
-30.013
2.0
0.057
-160.808
9.409
2.954
54.862
-15.735
0.163
59.458
0.467
-36.600
3.0
0.064
131.034
6.523
2.119
33.080
-12.174
0.246
48.003
0.443
-52.023
4.0
0.103
91.686
4.750
1.728
13.099
-9.551
0.333
35.089
0.418
-70.196
5.0
0.169
69.993
3.580
1.510
-5.823
-7.424
0.425
21.009
0.378
-92.177
6.0
0.258
58.339
2.719
1.368
-24.160
-5.668
0.521
5.600
0.309
-119.643
7.0
0.362
46.145
2.042
1.265
-42.430
-4.173
0.619
-11.469
0.224
-160.597
8.0
0.466
31.083
1.334
1.166
-60.668
-3.083
0.701
-30.211
0.217
138.234
9.0
0.553
13.235
0.533
1.063
-78.273
-2.402
0.758
-50.020
0.307
91.480
10.0
0.628
-5.840
-0.404
0.955
-95.268
-2.236
0.773
-69.960
0.419
58.813
AT-32032 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, VCE = 2.7 V, IC = 10 mA
Freq.
Fmin
Rn
Gassoc
GHz
dB
Mag
Ang
ohms
dB
0.9
1.1
0.15
87
7.6
16.2
1.8
1.3
0.23
159
5.6
11.9
2.0
1.4
0.26
173
5.3
11.0
2.5
1.5
0.32
-156
5.7
9.5
3.0
1.7
0.38
-128
8.6
8.4
3.5
1.9
0.45
-105
14.8
7.6
4.0
2.0
0.52
-84
25.0
6.8
Figure 12. Gain vs. Frequency at
2.7 V, 10 mA.
Note: dB(|S 21|) = 20 * log(|S21|)
Γ
opt
gmax
dB(S[2,1])
k
0
25
15
20
5
10
02
13
4
56
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG =
S21
(k
± √k2–1)
S12
MSG = |S21|/ |S12|
k =
1 – |S11|
2 – |S
22|
2 + |D|2
; D = S11S22 – S12S21
2 *|S12||S21|
88759/04-5.PM6.0J
2001.04.25, 7:55 PM
Page 7
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com