Electronic Components Datasheet Search
  English  ▼

X  

AT32032 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # AT32032
Description  AT32032
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32032 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button AT32032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 10Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 11Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 12Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 13Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
-20
0
Input
Output
-15
-10
-5
500
700
600
800
900
1000
FREQUENCY (MHz)
Figure 21. Input/Output Return Loss.
出力インターセプト・ポイント(IP3)は
900MHzで+14.3dBmです。このIP3を向
上させる方法は2つあります。1つめは
抵抗R5とR6の値を変えることで、R5を
大きくし、R6を小さくするとIP3が改善
されますが、回路の安定性を犠牲にす
ることになります。2つめは出力整合を
最小のVSWRではなく最大パワーに整
合することです。
Part Number
Increment
Comments
AT-32032-BLK
100
Bulk
AT-32032-TR1
3000
7" Reel
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
XXY
0.650 BSC (0.026)
PACKAGE MARKING CODE
& DATE CODE
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
注)左図のように置いたとき、
マーキングが正しく読めます。
Outline SOT-323 (SC-70 3 Lead)
Package Dimensions
Ordering Information
88759/04-5.PM6.0J
2001.04.25, 7:55 PM
Page 12
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com