Electronic Components Datasheet Search
  English  ▼

X  

AT32032 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # AT32032
Description  AT32032
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32032 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button AT32032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 10Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 11Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 12Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 13Page - Agilent(Hewlett-Packard) AT32032 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Tape Dimensions and Device Orientation, continued
For Outline SOT-323 (SC-70 3 Lead)
DESCRIPTION
SYMBOL
SIZE (MM)
SIZE (INCHES)
CAVITY
LENGTH
A
0
2.41
± 0.10
0.095
± 0.004
A1
0.99
0.039
WIDTH
B
0
2.41
± 0.10
0.095
± 0.004
B1
1.91
0.075
DEPTH
K
0
1.19
± 0.10
0.047
± 0.004
K
1
0.05
0.020
PITCH
P
3.99
± 0.10
0.157
± 0.004
BOTTOM HOLE DIAMETER
D
1
0.99
± 0.25
0.039
± 0.010
PERFORATION
DIAMETER
D
1.55
± 0.05
0.061
± 0.002
PITCH
P
0
3.99
± 0.10
0.157
± 0.004
POSITION
E
1.75
± 0.10
0.069
± 0.004
CARRIER TAPE WIDTH
W
8.00
± 0.30
0.315
± 0.012
THICKNESS
t
1
0.254
± 0.013 0.010 ± 0.0005
COVER TAPE
WIDTH
C
5.21
± 0.10
0.205
± 0.004
TAPE THICKNESS
T
t
0.063
± 0.001 0.0025 ± 0.00004
DISTANCE
CAVITY TO PERFORATION
F
3.51
± 0.05
0.138
± 0.002
(WIDTH DIRECTION)
CAVITY TO PERFORATION
P
2
2.01
± 0.05
0.079
± 0.002
(LENGTH DIRECTION)
B1
K0
P2
P0
D1
K1
A0
C
P
A1
Tt (COVER TAPE
THICKNESS)
t1 (CARRIER TAPE
THICKNESS)
W
F
E
D
B0
8
° MAX.
8
° MAX.
88759/04-5.PM6.0J
2001.04.25, 7:55 PM
Page 13
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com