Electronic Components Datasheet Search
  English  ▼

X  

M83 Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M83 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
22
Processor Mode
(10) Vector register (VCT)
This register consists of 24 bits and is used to indicate the jump address when a high-speed interrupt is
generated.
(11) DMA mode registers (DMD0/DMD1)
These registers consist of 8 bits and are used to set the transfer mode, etc. for DMA.
(12) DMA transfer count registers (DCT0/DCT1)
These registers consist of 16 bits and are used to set the number of DMA transfers performed.
(13) DMA transfer count reload registers (DRC0/DRC1)
These registers consist of 16 bits and are used to reload the DMA transfer count registers.
(14) DMA memory address registers (DMA0/DMA1)
These registers consist of 24 bits and are used to set a memory address at the source or destination of
DMA transfer.
(15) DMA SFR address registers (DSA0/DSA1)
These registers consist of 24 bits and are used to set a fixed address at the source or destination of DMA
transfer.
(16) DMA memory address reload registers (DRA0/DRA1)
These registers consist of 24 bits and are used to reload the DMA memory address registers.
(17) Flag register (FLG)
Flag register (FLG) is configured with 11 bits, each bit is used as a flag. Figure 1.3.2 shows the flag
register (FLG). The following explains the function of each flag:
• Bit 0: Carry flag (C)
This flag retains a carry, borrow, or shift-out bit that has occurred in the arithmetic/logic unit.
• Bit 1: Debug flag (D)
This flag enables a single-step interrupt.
When this flag is “1”, a single-step interrupt is generated after instruction execution. This flag is
cleared to “0” when the interrupt is acknowledged.
• Bit 2: Zero flag (Z)
This flag is set to “1” when an arithmetic operation resulted in 0; otherwise, cleared to “0”.
• Bit 3: Sign flag (S)
This flag is set to “1” when an arithmetic operation resulted in a negative value; otherwise, cleared to
“0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com