Electronic Components Datasheet Search
  English  ▼

X  

M83 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M83 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
2
Performance Outline
Table 1.1.1 and 1.1.2 are performance outline of M32C/83 group.
Table 1.1.1. Performance outline of M32C/83 group (144-pin version) (1/2)
Item
Performance
CPU
Number of basic instructions
108 instructions
Shortest instruction execution time 33 ns(f(XIN)=30MHz)
Operation mode
Single-chip, memory expansion and microprocessor modes
Memory space
16 M bytes
Memory capacity
See ROM/RAM expansion figure.
Peripheral function
I/O port
123 pins (P0 to P15 except P85)
Input port
1 pin (P85)
Multifunction timer
Output
16 bits x 5 (TA0, TA1, TA2, TA3, TA4)
Input
16 bits x 6 (TB0, TB1, TB2, TB3, TB4, TB5)
Intelligent I/O
4 groups
Time measurement
8 channels (group 0) + 4 channels (group 1)
Waveform generation
4 channels (group 0) + 8 channels X 3 (group 1, 2 and 3)
Bit-modulation PWM
8 channels X 2 (group 2 and 3)
Real time port
8 channels X 2 (group 2 and 3)
Communication function
• Clock synchronous serial I/O, UART (group 0 and 1)
• HDLC data process (group 0 and 1)
• Clock synchronous variable length serial I/O (group 2)
• IE bus (Note 1) (group 2)
Serial I/O
5 channels (UART0 to UART4)
IE Bus (Note 1, 3), I2C Bus (Note 2, 3)
CAN module
1 channel, 2.0B specification
A-D converter
10-bit A-D x 2 circuits, standard 18 inputs, max 34 inputs
D-A converter
8-bit D-A x 2 circuits
DMAC
4 channels
DMAC II
Start by all variable vector interrupt factor
Immediate transfer, operation transfer and chain transfer function
DRAM controller
CAS before RAS refresh, self-refresh, EDO, FP
CRC calculation circuit
CRC-CCITT
X-Y converter
16 bits X 16 bits
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
42 internal and 8 external sources, 5 software sources, interrupt
priority level 7 levels
Clock generating circuit
3 built-in clock generation circuits
• Main/sub-clock generating circuit :built-in feedback resistance, and
external ceramic or quartz oscillator
• Ring oscillator for detecting main clock oscillation stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com