Electronic Components Datasheet Search
  English  ▼

X  

M83 Datasheet(PDF) 49 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 49 Page - Mitsubishi Electric Semiconductor

Back Button M83 Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 53Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
49
Processor Mode
0 0 : Multiplexed bus is not used
0 1 : Allocated to CS2 space
0 1 : Allocated to CS1 space
1 1 : Allocated to entire CS space
(Note 5)
Note 1: Set bit 1 of the protect register (address 000A16) to "1" when writing new values to this register.
Note 2: Do not set the processor mode bits and other bits simultaneously when setting the processor
mode bits to 012 or 112 . Set the other bits first,and then change the processor mode bits.
Note 3: When using 16-bit bus width in DRAM controler, must set this bit to "1".
Note 4: Valid in microprocessor and memory expansion modes 1, 2 and 3. Do not use multiplex bus
when mode 0 is selected. Do not set to allocated to CS2 space when mode 2 is selected.
Note 5: After the reset has been released, the M32C/83 group MCU operates using the separate bus. As
a result, in microprocessor mode, you cannot select the full CS space multiplex bus.
When you select the full CS space multiplex bus in memory expansion mode, the address bus
operates with 64 Kbytes boundaries, for each chip select.
Mode 0: Multiplexed bus cannot be used.
Mode 1: CS0 to CS2 when you select full CS space.
Mode 2: CS0 to CS1 when you select full CS space.
Mode 3: CS0 to CS3 when you select full CS space.
Note 6: No BCLK is output in single chip mode even when "0" is set in PM07. When stopping clock
output in microprocessor or memory expansion mode, make the following settings: PM07="1", bit 0
(CM00) and bit 1 (CM01) of system clock control register 0 (address 000616) = "0". "L" is now
output from P53.
Note 7: When selecting BCLK, set bits 0 and 1 of system clock control register 0 (CM00, CM01) to "0".
Symbol
Address
When reset
PM0
000416
8016 (CNVss = "L")
0316 (CNVss = "H")
Processor mode register 0 (Note 1)
RW
b1 b0
b5 b4
0: RD / BHE / WR
1: RD / WRH / WRL
PM00
PM01
PM02
(Note 3)
(Note 2)
PM03
Software reset bit
R/W mode select bit
PM04
PM05
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Must not be set
1 1: Microprocessor mode
Must always be set to "0"
PM07
BCLK output disable bit
(Note 6)
Reserved bit
0 : BCLK is output
(Note 7)
1 : Function set by bit 0,1 of system
clock control register 0
The device is reset when this bit is
set to "1". The value of this bit is "0"
when read
Bit name
Function
Bit
symbol
Processor mode bit
Multiplexed bus space
select bit
(Note 4)
b7
b6
b5
b4
b3
b2
b1
b0
0
Figure 1.6.1. Processor mode register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com