Electronic Components Datasheet Search
  English  ▼

X  

M83 Datasheet(PDF) 79 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 79 Page - Mitsubishi Electric Semiconductor

Back Button M83 Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 83Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
79
Power Saving
Reset
Middle-speed mode
(divided by 8 mode)
High-speed /
middle-speed mode
Low-speed/ low power
dissipation mode
Note 1
Note 1, 5
Note 2, 4
Stop mode
Detect
oscillation stop
Stop mode
Wait mode
Note 1
CM10="1"
CM10="1"
All oscillation is stopped
All oscillation is stopped
Interrupt
Interrupt
Interrupt
XIN oscillation is stopped
interrupt
WAIT instruction
WAIT instruction
WAIT instruction
interrupt
interrupt
Normal operation mode
Note 1 :Switch clocks after the main clock oscillation is fully stabled.
Note 2 :Switch clocks after oscillation of sub clock is fully stable.
Note 3 :The main clock division register is set to the division by 8 mode (MCD="0816").
Note 4 :When changing to low power dissipation mode, the main clock division register is set to
the division by 8 mode (MCD="0816").
Note 5 :Low power dissipation mode can not be changed to high-speed / middle-speed mode.
Note 6 :Other oscillation mode cannot be changed to low power dissipation mode.
Note 3
Note 6
Ring oscillator / ring oscillator
low power dissipation mode
CPU operation
is stopped
Wait mode
Wait mode
Figure 1.8.9. Clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com