Electronic Components Datasheet Search
  English  ▼

X  

M83 Datasheet(PDF) 89 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 89 Page - Mitsubishi Electric Semiconductor

Back Button M83 Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 93Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupts
89
Table 1.9.3. Interrupt causes (variable interrupt vector addresses) (2/2)
Softwear interrupt number
Vector table address
Interrutp source
Address(L)to address(H) (Note 1)
Softwear interrupt number 55
+220 to +223 (00DC16 to 00DF16) Softwea interrupt
Softwear interrupt number 56
+224 to +227 (00E016 to 00E316) Softwea interrupt
Softwear interrupt number 57
+228 to +231 (00E416 to 00E716) Intelligent I/O interrupt 11/CAN interrupt 2
Softwear interrupt number 58 (Note 2) +232 to +235 (00E816 to 00EB16)
Softwea interrupt
to
to
Softwear interrupt number 63
+252 to +255 (00FC16 to 00FF16)
Note 1: Address relative to address in interrupt table register (INTB).
Note 2: Cannot be masked by I flag.
Note 3: When IIC mode is selected, NACK/ACK, start/stop condition detection interrupts are selected. The fault error
____
interrupt is selected when SS pin is selected.
Interrupt request reception
The following lists the conditions under which an interrupt request is acknowledged:
• Interrupt enable flag (I flag)
= 1
• Interrupt request bit
= 1
• Interrupt priority level
> Processor interrupt priority level (IPL)
The interrupt enable flag (I flag), the processor interrupt priority level (IPL), interrupt request bit and
interrupt priority level select bit are all independent of each other, so they do not affect any other bit.
There are I flag and IPL in flag register (FLG). This flag and bit are described below.
Interrupt Enable Flag (I Flag) and processor Interrupt Priority Level (IPL)
I flag is used to disable/enable maskable interrupts. When this flag is set (= 1), all maskable interrupts
are enabled; when the flag is cleared to 0, they are disabled. This flag is automatically cleared to 0
after a reset.
IPL is configured with three bits, for specification of up to eight processor interrupt priority levels from
level 0 to level 7.
If a requested interrupt has priority greater than the processor interrupt priority level (IPL), the interrupt
is enabled.
Table 1.9.4 shows interrupt enable levels in relation to the processor interrupt priority level (IPL).
Table 1.9.4. IPL and Interrupt Enable Levels
Processor interrupt priority level (IPL)
Enabled interrupt priority levels
IPL2
IPL1
IPL0
0
0
0
Interrupt levels 1 and above are enabled.
0
0
1
Interrupt levels 2 and above are enabled.
0
1
0
Interrupt levels 3 and above are enabled.
0
1
1
Interrupt levels 4 and above are enabled.
1
0
0
Interrupt levels 5 and above are enabled.
1
0
1
Interrupt levels 6 and above are enabled.
1
1
0
Interrupt levels 7 and above are enabled.
1
1
1
All maskable interrupts are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com