Electronic Components Datasheet Search
  English  ▼

X  

M83 Datasheet(PDF) 35 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 35 Page - Mitsubishi Electric Semiconductor

Back Button M83 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
35
(035C16)
(035D16)
(035E16)
(035F16)
(036416)
(036516)
(036616)
(036716)
(036816)
(036916)
(036A16)
(036B16)
(036C16)
(036D16)
(036E16)
(036F16)
(037616)
(037816)
(037916)
(037A16)
(037B16)
(037C16)
(037D16)
(037E16)
(038016)
(038116)
(038216)
(038316)
(038416)
(038516)
(038616)
(038716)
(033A16)
(033B16)
(033C16)
(033D16)
(033E16)
(033F16)
(034016)
(034116)
(034216)
(034316)
(034416)
(034616)
(034716)
(034816)
(034916)
(034A16)
(034B16)
(034C16)
(034D16)
(034E16)
(034F16)
(035016)
(035116)
(035216)
(035316)
(035416)
(035516)
(035616)
(035716)
(035816)
(035916)
(035A16)
(035B16)
UART2 transmit buffer register
UART2 transmit/receive control register 0
UART2 transmit/receive control register 1
UART2 receive buffer register
Count start flag
Clock prescaler reset flag
One-shot start flag
Trigger select register
Up-down flag
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
Timer B0
Timer B1
Timer B2
Timer A0 mode register
Timer A1 mode register
Timer A2 mode register
Timer A3 mode register
Timer A4 mode register
Timer B0 mode register
(409)
(410)
(411)
(412)
(413)
(414)
(415)
(416)
(417)
(418)
(419)
(420)
(421)
(422)
(423)
(424)
(425)
(426)
(427)
(428)
(429)
(430)
(431)
(432)
(433)
(434)
(435)
(436)
(437)
(438)
(439)
(440)
(441)
(442)
(443)
(444)
(445)
(446)
(447)
(448)
(449)
(450)
(451)
(452)
(453)
(454)
(455)
(456)
Timer B1 mode register
Timer B2 mode register
Timer B2 special mode register
Count source prescaler register
UART0 pecial mode register 4
UART0 special mode register 3
UART0 special mode register 2
UART0 special mode register
UART0 transmit/receive mode register
UART0 bit rate generator
UART0 transmit buffer register
UART0 transmit/receive control register 0
UART0 transmit/receive control register 1
UART0 receive buffer register
PLL control register 0
DMA0 cause select register
DMA1 cause select register
DMA2 cause select register
DMA3 cause select register
CRC data register
CRC input register
A-D0 register 0
A-D0 register 1
A-D0 register 2
A-D0 register 3
0 XXXXX XX
XXXXXXX ?
? ???? X X ?
0 0 ?X0 0 0 0
0 0 ?X0 0 0 0
0 XXX 0 000
XXXXXXX 0
0 0000 X 0 0
0 0000 X 0 0
0 0000 X 0 0
0 0000 X 0 0
0 0000 X 0 0
00 ?0 0 0 0 0
X XXX XXX ?
?? ?? ? X X ?
0 0 1 10 10 0
0 X 0 0 000 0
0 X 0 0 000 0
0 X 0 0 000 0
0 X 0 0 000 0
??16
??16
0016
0016
0016
0016
0016
??16
??16
0216
0816
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
0216
??16
0016
0016
0016
0016
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
??16
0816
x : Nothing is mapped to this bit
? : Undefined
The content of other registers and RAM are undefined when the microcomputer is reset. The initial values must therefore be set.
Figure 1.4.3. Device's internal status after a reset is cleared (9/10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com