Electronic Components Datasheet Search
  English  ▼

X  

M83 Datasheet(PDF) 71 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 71 Page - Mitsubishi Electric Semiconductor

Back Button M83 Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 75Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generating Circuit
71
(1) Main clock
The main clock is a clock source for CPU operation and peripheral I/O. Figure 1.8.6 shows example of a
main clock. When a reset, the clock oscillates and after a reset, the clock is divided by 8 to the BCLK
(CPU operating clock).
(a) Main clock On/Off function
• Main clock (XIN-XOUT) stop bit of system control register 0 (bit 5 at address 000616)
0: Main clock On
1: Main clock Off
Also, the clock is stopped by shifting to the stop mode.
• All clock stop control bit of system control register 1 (bit 0 at address 000716)
0: Clock on
1: All clocks off (stop mode)
Figure 1.8.6. Examples of main clock
Microcomputer
(Built-in feedback resistance)
XIN
XOUT
Externally derived clock
Open
Vcc
Vss
Microcomputer
(Built-in feedback resistance)
XIN
XOUT
Rd
CIN
COUT
(Note)
Note: Insert a damping resistance if required. The resistance will vary depending on
the oscillator setting. Use the value recommended by the maker of the oscillator.
Insert a feedback resistance between XIN and XOUT when an oscillation
manufacture required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com