Electronic Components Datasheet Search
  English  ▼

X  

MAX8553EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8553EEE
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8553EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
______________________________________________________________________________________
13
Functional Diagrams (continued)
Σ
Σ
Q
S
R
Q
TRIG
ONE-SHOT
TRIG
Q
ONE-SHOT
TON
ON-TIME
COMPUTE
OUT
LATCH
Q
RS
FB
POK
ERROR
COMP
OVP
VL
5V
REG
2V
REF
/10
5
µA
MAX8554
FSEL
POK
GND
REF
VL
FB
PGND
DL
V+
LX
DH
BST
ILIM
EN
HSD
0.672V
0.528V
0.720V
0.600V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com