Electronic Components Datasheet Search
  English  ▼

X  

MAX8553EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX8553EEE
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX8553EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 18Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 20Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 21Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 22Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
______________________________________________________________________________________
19
peak inductor current at the maximum-defined load
current (ILOAD(MAX)):
Output-Capacitor Selection
The key selection parameters for the output capacitor
are the actual capacitance value, the ESR, the equiva-
lent series inductance (ESL), and the voltage-rating
requirements, which affect the overall stability, output
ripple voltage, and transient response.
The worst-case output ripple has three components:
variations in the charge stored in the output capacitor,
the voltage drop across the capacitor’s ESR, and ESL
caused by the current into and out of the capacitor.
This can be approximated by:
The output voltage ripple due to the ESR is:
The output voltage ripple due to the output capacitance is:
The output voltage ripple due to the ESL of the output
capacitor is:
VRIPPLE (ESL) = (VIN x ESL) / (L+ESL)
IP-P is the peak-to-peak inductor current:
After a load transient, the output voltage instantly
changes by ESR x
∆ILOAD + ESL x di/dt and the con-
trollers respond within 100ns and try to regulate back to
the nominal output value.
Solid polymer or OSCON electrolytic capacitors are
recommended due to their low ESR and ESL at the
switching frequency. Higher output-current applications
require multiple output capacitors connected in parallel
to meet the output ripple-voltage requirements. Do not
exceed the capacitor’s voltage or ripple-current ratings.
Output-Capacitor Stability Consideration
Stability is determined by the value of the ESR zero rel-
ative to the switching frequency. To ensure stability, the
following condition must be met:
where fS is the switching frequency and:
For a typical 300kHz application, the ESR zero frequen-
cy must be well below 95kHz, preferably below 50kHz.
Do not put high-value ceramic capacitors directly
across the feedback sense point without taking precau-
tions to ensure stability. Large ceramic capacitors can
have a high-ESR zero frequency and cause erratic,
unstable operation. However, it is easy to add enough
series resistance by placing the capacitors a couple of
inches downstream from the feedback sense point,
which should be as close as possible to the inductor.
The easiest method for checking stability is to apply a
very fast zero-to-max load transient and carefully
observe the output voltage-ripple envelope for over-
shoot and ringing. It can help to simultaneously monitor
the inductor current with an AC current probe. Do not
allow more than one cycle of ringing after the initial
step-response under- or overshoot.
Input-Capacitor Selection
The input capacitor (CIN) reduces the current peaks
drawn from the input supply and reduces noise injec-
tion. The source impedance to the input supply largely
determines the value of CIN. High source impedance
requires high input capacitance. The input capacitor
must meet the ripple current requirement (IRMS)
imposed by the switching currents. The RMS input rip-
ple current is given by:
IRMS has a maximum value of 1/2 ILOAD, which occurs
when VIN is twice VOUT.
For optimal circuit reliability, choose a capacitor that
has less than 10
°C temperature rise at the peak ripple
current.
II
VV
V
V
RMS
LOAD
OUT
IN
OUT
IN
=×
×
()
-
f
RC
ESR
ESR
OUT
=
××
1
2
π
f
f
ESR
S
<
π
I
V
V
V
PP
IN
OUT
OUT
IN
-
S
-V
fL
=
×
×
V
I
Cf
RIPPLE C
PP
OUT
S
() =
××
-
8
V
I
ESR
RIPPLE ESR
P P
() =×
-
VV
V
V
RIPPLE
RIPPLE ESR
RIPPLE C
RIPPLE ESL
()
( )
(
)
=+
+
II
LIR
I
PEAK
LOAD MAX
LOAD MAX
()
()
=+ 


×
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com