Electronic Components Datasheet Search
  English  ▼

X  

MAX8553EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX8553EEE
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX8553EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
14
______________________________________________________________________________________
Typical Application Circuits
C4
0.47
µF
10V
Q1
IRF7832
Q2
2xIRF7832
L1
1.0
µH
30A
R6
1
Ω
C8
4700pF
OPTIONAL
R2
19.1k
Ω
R3
6.04k
Ω
C6
3x470
µF
4V
C5
10
µF
6.3V
VOUT
PGND
C3
4.7
µF
6.3V
D1
CMPSH-3
2.5V AT
20A
12V
VIN
C2
2x470
µF
16V
C1
10
µF
16V
MAX8554
VL
POK
R1
20k
Ω
ON
OFF
C7
0.22
µF
10V
R4
25.5k
Ω
R5
110k
Ω
POK
V+
EN
HSD
REF
ILIM
GND
FSEL
VL
BST
DH
LX
DL
PGND
OUT
FB
Figure 1. Typical Application Circuit 1: 12V Input, 2.5V Output at Up to 20A with 200kHz Switching Frequency
C4
0.47
µF
6.3V
Q1
IRF7821
Q2
IRF7821
L1
0.68
µH
9A
C5
10
µF
6.3V
C6
4x470
µF
2V
VOUT
PGND
C3
4.7
µF
6.3V
D1
CMPSH-3
1.25V AT
8A
2.5V
VIN
C2
2x330
µF
6V
C1
10
µF
6.3V
MAX8553
POK
R3
20k
Ω
C8
0.22
µF
10V
6V TO 28V
R1
143k
Ω
R6
54.9k
Ω
POK
V+
REFIN
EN/HSD
REF
ILIM
GND
FSEL
VL
BST
DH
LX
DL
PGND
VTT
VTTR
VTTR
C7
1
µF
6.3V
VL
V+
REFIN
C9
0.47
µF
25V
SDN
R5
100k
Ω
Q3
2N7002K
TO VOUT
R2
5.1k
Ω
R4
0.002
Ω
C10
2200
µF
R7
3
Ω
R8
20
Ω
C11
1
µF
Figure 2. Typical Application Circuit 2: 2.5V Input, 1.25V VTT at Up to 8A, and 1.25V VTTR at Up to 25mA with 550kHz Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com