Electronic Components Datasheet Search
  English  ▼

X  

MAX8553EEE Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX8553EEE
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553EEE Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX8553EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 18Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 20Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 21Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 22Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 23Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Setting the Current Limit
Constant Current Limit
The adjustable current limit accommodates MOSFETs
with a wide range of on-resistance values. The current-
limit threshold is adjusted with an external resistor con-
nected from ILIM to GND (RILIM_). The adjustment
range is 50mV to 200mV measured across the low-side
MOSFET. The value of RILIM is calculated using the fol-
lowing formula:
where IVALLEY is the valley current limit and RDS(ON) is
the on-resistance of the low-side MOSFET. To avoid
reaching the current at a lower current than expected,
use the maximum value for RDS(ON) at elevated junc-
tion temperature. Refer to the MOSFET manufacturer’s
data sheet for maximum values.
Foldback Current Limit
Foldback current limit is used to reduce power dissipa-
tion during overload and short-circuit conditions. This is
accomplished by lowering the current-limit threshold as
the output voltage drops due to the overload.
To use foldback current limit, connect a resistor
(RFOBK) from ILIM to the output, and connect a resistor
(RILIM) from ILIM to GND (Figure 5). The values of RILIM
and RFOBK are calculated as follows:
First, select the percentage of foldback, PFB. This per-
cent corresponds to the current limit when VOUT equals
zero divided by the current limit when VOUT equals its
nominal voltage. Typical values range from 15% to
30%. To solve for the resistor values, use the following
equations:
If RILIM results in a negative number, select another low-
side MOSFET with lower RDS(ON) or increase PFB or a
combination of both for the best compromise of cost,
efficiency, and lower short-circuit power dissipation.
Adjusting the Switching Frequency
The switching frequency of the MAX8553/MAX8554 can
be lowered from the value set by FSEL by adding a
resistor voltage-divider to EN/HSD (HSD) as shown in
Figure 6. This voltage-divider lowers the voltage the IC
measures on EN/HSD (HSD), which increases the on-
time. The switching frequency with the added resistor-
divider is calculated as follows:
where K = 1.7µs and N is given in Tables 1 and 2. To set
the frequency, select a value for R2 between 10k
Ω and
100k
Ω, then calculate R1 from the following equation:
With the minimum input voltage, make sure that the
voltage present at EN/HSD (HSD) is greater than 1.5V
when the resistor-divider is used:
VR
RR
V
IN MIN
()
.
×
+
>
2
12
15
R
KN
R
f
R
S
1
12
2
=
×
×
-
f
KN
R
RR
S ≅
×
×
+
12
12
R
RI
P
R
VR
I
P
ILIM
DS ON
VALLEY
FB
FOBK
OUT
DS ON
VALLEY
FB
=
××
×
() ×
××
×
()
()
()
()
10
1
10
1
-
--
R
PV
AP
FOBK
FB
OUT
FB
=
×
()
51
µ
-
R
I
A
R
ILIM
VALLEY
DS ON
=×
×
()
10
5
µ
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
20
______________________________________________________________________________________
MAX8553
DH
RILIM
RFOBK
VOUT
LX
DL
PGND
ILIM
Figure 5. Setting the Foldback Current Limit with Two
Resistors, RILIM and RFOBK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com