Electronic Components Datasheet Search
  English  ▼

X  

MAX8553EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX8553EEE
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX8553EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 18Page - Maxim Integrated Products MAX8553EEE Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
______________________________________________________________________________________
15
Detailed Description
Internal Linear Regulator
An internal regulator produces the +5V supply (VL) that
powers the PWM controller, MOSFET driver, logic, refer-
ence, and other blocks within the IC. This +5V low-
dropout (LDO) linear regulator supplies up to 35mA for
MOSFET gate-drive and external loads. For supply volt-
ages between +4.5V and +5.5V, connect VL to V+. This
bypasses the VL regulator, which improves efficiency
and allows the IC to function at lower input voltages.
On-Time One-Shot and
Switching Frequency
The heart of the PWM is the one-shot that sets the high-
side switch on-time. This fast, low-jitter, adjustable one-
shot includes circuitry that varies the on-time in
response to both input and output voltages. The high-
side switch on-time is inversely proportional to the input
voltage as measured by the EN/HSD (HSD for the
MAX8554) input, and is directly proportional to the out-
put voltage. This algorithm results in a nearly constant
switching frequency despite the lack of a fixed-fre-
quency clock generator. The switching frequency can
be selected to avoid noise-sensitive regions such as
the 455kHz IF band. Also, with a constant switching fre-
quency, the inductor ripple-current operating point
remains relatively constant, resulting in easy design
methodology and predictable output voltage ripple.
The general formula for the MAX8553 on-time (tON) is:
where VEN/HSD and VOUT are the voltages measured at
EN/HSD and the output, respectively, and K = 1.7µs.
The value of N depends on the configuration of FSEL
and is listed in Table 1.
For the MAX8554, the general formula for on-time (tON) is:
where VHSD and VOUT are the voltages measured at
HSD and the output, respectively, and K = 1.7µs. The
value of N depends on the configuration of FSEL and is
listed in Table 2.
tK N
V
V
ON
HSD
OUT
=× ×
×
1
tK N
V
V
ON
EN HSD
OUT
/
=× ×
×
1
C4
0.47
µF
10V
Q1
IRF7807V
Q2
IRF7821
L1
2.5
µH
10A
R6
3
Ω
C8
2200pF
R2
12.1k
Ω
R3
6.04k
Ω
C6
2x470
µF
4V
C5
10
µF
6.3V
VOUT
PGND
C3
4.7
µF
6.3V
D1
CMPSH-3
1.8V AT
8A
17V TO 21V
VIN
C2
470
µF
16V
C1
10
µF
16V
MAX8554
VL
POK
R1
20k
Ω
ON
OFF
C7
0.22
µF
10V
R4
61.9k
Ω
R5
80.6k
Ω
POK
V+
EN
HSD
REF
ILIM
GND
FSEL
VL
BST
DH
LX
DL
PGND
OUT
FB
Figure 3. Typical Application Circuit 3: 19V Input, 1.8V Output at Up to 8A with 300kHz Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com