Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 4 Page - Analog Devices

  ADA4961 Datasheet HTML 1Page - Analog Devices ADA4961 Datasheet HTML 2Page - Analog Devices ADA4961 Datasheet HTML 3Page - Analog Devices ADA4961 Datasheet HTML 4Page - Analog Devices ADA4961 Datasheet HTML 5Page - Analog Devices ADA4961 Datasheet HTML 6Page - Analog Devices ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
ADA4961
SPECIFICATIONS
VS = 5 V, HP mode, RS = 100 Ω differential, RL =50 Ω differential,TA = 25°C, f = 500 MHz, VO = 1.2 V p-p(or 0.6 V p-p per tone for two-
tone IMD3), unless otherwisenoted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO indicates small signal
3200
MHz
−1 dB Bandwidth
VO indicates small signal
1800
MHz
Slew Rate
VO = 2 V step
12000
V/μs
Settling Time to 1.0%
VO = 2 V step
0.6
ns
Overdrive Recovery Time
1.2
ns
Input Return Loss (S11)
500 MHz
−40
dB
Output Return Loss (S22)
500 MHz
−30
dB
GAIN
Voltage Gain
Maximum voltage gain
15
dB
Minimum voltage gain
−6
Power Gain
Maximum power gain
18
dB
Minimum power gain
−3
Gain Step Size
1.0
dB
Gain Step Error
±0.2
dB
INPUT STAGE
Input Common-Mode Voltage
1.0
V
Input Resistance
Differential
100
Ω
Maximum AC-Coupled Input Level
Differential
6
V p-p
Input Capacitance
Single-ended
1.3
pF
Common-Mode Rejection Ratio (CMRR)
55
dB
OUTPUT STAGE
Maximum Output Voltage Swing
VS = 5.0 V
5.0
V p-p
VS = 3.3 V
3.0
V p-p
Differential Output Resistance
50
Ω
DIGITAL LOGIC SPECIFICATIONS
Input Voltage High, CS1,CLK1,SDIO (VIH)
1.4
3.3
V
Input Voltage High, PM (VIH)
2.8
3.3
V
Input Voltage Low, CS1,CLK1,SDIO,PM (VIL)
0
0.8
V
Output Voltage High, CS1,CLK1,SDIO (VOH)
IOH = −100 µA
1.4
3.3
V
Output Voltage Low, CS1,CLK1,SDIO (VOL)
IOL = +100 µA
0
0.8
V
POWER SUPPLY
Operating Range
3.3 to 5.0
V
Quiescent Current
5.0 V, HP mode
154
mA
5.0 V, low power (LP) mode
131
mA
5.0 V, power-down Mode
7.4
mA
3.3 V, LP mode
126
mA
3.3 V, power-down Mode
7.2
mA
1
Dual function pin. Table 1 does not contain the full pin name, only the relevant function of the pin. See the Pin Configuration and Function Descriptions section for
complete pin names and descriptions.
Rev. A | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com