Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 1 Page - Analog Devices

  ADA4961 Datasheet HTML 1Page - Analog Devices ADA4961 Datasheet HTML 2Page - Analog Devices ADA4961 Datasheet HTML 3Page - Analog Devices ADA4961 Datasheet HTML 4Page - Analog Devices ADA4961 Datasheet HTML 5Page - Analog Devices ADA4961 Datasheet HTML 6Page - Analog Devices ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Distortion, 3.2 GHz, RF DGA
Data Sheet
ADA4961
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
−3 dB bandwidth: 3.2 GHz
−1 dB bandwidth: 1.8 GHz
Slew rate: 12,000 V/μs
Digitally adjustable gain
Voltage gain: −6 dB to +15 dB
Power gain: −3 dB to +18 dB
5-bit parallel or SPI bus gain control with fast attack
IMD3/HD3 distortion, maximum gain, 5 V, high performance
(HP) mode
IMD3/HD3 at 1 GHz: −90 dBc/−83 dBc
IMD3/HD3 at 1.5 GHz: −85 dBc/−75 dBc
IMD3/HD3 at 2 GHz: −70 dBc/−70 dBc
Low noise
Noise density referred to output (RTO): −154 dBm/Hz
Noise figure: 5.5 dB at AV = 15 dB, 1 GHz
Differential impedances: 100 Ω input, 50 Ω output
Low power mode operation, power-down control
Single 3.3 V or 5 V supply operation
Available in 24-lead, 4 mm × 4 mm LFSCP
APPLICATIONS
ADC driver for 10-bit to 14-bit GSPS converters
RF/IF gain blocks
Line drivers
Instrumentation
Satellite communications
Data acquisition
Military systems
FUNCTIONAL BLOCK DIAGRAM
0dB TO 21dB
ATTEN
EXPOSED
PAD
2
3
18
14
15
17
16
4
5
1
7
8
9
10
11
24
23
22
21
20
19
12
13
6
VIN+
VIN–
VOUT+
VOUT–
DNC
DNC
DNC
GND
GND
+15dB
ADA4961
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 1.
GENERAL DESCRIPTION
The ADA4961 is a high performance, BiCMOS RF digital gain
amplifier (DGA), optimized for driving heavy loads out to
2.0 GHz and beyond. The device typically achieves −90 dBc
IMD3 performance at 500 MHz and −85 dBc at 1.5 GHz. This
RF performance allows GHz converters to achieve their optimum
performance with minimal limitations of the driver amplifier or
constraints on overall power that typically result from GaAs
amplifiers. This device can easily drive 10-bit to16-bit HS
converters.
For many receiver applications, antialias filter (AAF) designs
can be simplified or not required.
The ADA4961 has an internal differential input impedance of
100 Ω and a differential dynamic output impedance of 50 Ω,
eliminating the need for external termination resistors. The
digital adjustability provides for 1 dB resolution, thus optimizing
the signal-to-noise ratio (SNR) for input levels spanning 21 dB.
The ADA4961 is optimized for wideband, low distortion
performance at frequencies up to 2 GHz. These attributes,
together with wide gain adjustment and relatively low power,
make the ADA4961 the amplifier of choice for many high speed
applications, including IF, RF, and broadband applications
where dynamic range at very high frequencies is critical.
The ADA4961 is ideally suited for driving not only analog-to-
digital converters (ADCs), but also mixers, pin diode
attenuators, SAW filters, and multielement discrete devices. It is
available in a 4 mm × 4 mm, 24-lead LFCSP and operates over a
temperature range of −40°C to +85°C.


Similar Part No. - ADA4961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
722Kb / 24P
Low Distortion, 3.2 GHz, RF DGA
Rev. C
ADA4961ACPZN-R7 AD-ADA4961ACPZN-R7 Datasheet
722Kb / 24P
Low Distortion, 3.2 GHz, RF DGA
Rev. C
ADA4961 AD-ADA4961_V01 Datasheet
722Kb / 24P
Low Distortion, 3.2 GHz, RF DGA
Rev. C
More results

Similar Description - ADA4961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
Digitally Adjustable Voltage References
Jul 01, 2001
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
Digitally Controlled Programmable-Gain Amplifier
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
Digitally-Programmable-Gain Instrumentation Amplifier
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
TPS61045 Digitally Adjustable Boost Converter
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
Digitally Adjustable Boost Converter
logo
Maxim Integrated Produc...
MAX4223EVKIT MAXIM-MAX4223EVKIT Datasheet
55Kb / 4P
Optional Adjustable Gain
Rev 0; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com