Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 5 Page - Analog Devices

  ADA4961 Datasheet HTML 1Page - Analog Devices ADA4961 Datasheet HTML 2Page - Analog Devices ADA4961 Datasheet HTML 3Page - Analog Devices ADA4961 Datasheet HTML 4Page - Analog Devices ADA4961 Datasheet HTML 5Page - Analog Devices ADA4961 Datasheet HTML 6Page - Analog Devices ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADA4961
Data Sheet
NOISE/HARMONIC PERFORMANCE
VS = 5 V, HP mode, RS = 100 Ω differential,RL = 50 Ω differential, TA = 25°C, f =500 MHz, VO = 1.2 V p-p(or0.6 V p-pper tone fortwotone
IMD3), LC filter connected, unlessotherwise noted.
Table 2.
Parameter
Test Conditions/Comments
3.3 V Supply, Low
Power Mode
Operation1
5.0 V Supply, High
Performance
Mode Operation
Min
Typ
Max
Min
Typ
Max
Unit
AC PERFORMANCE, 100 MHz
Second Harmonic (HD2)
Maximum gain
−75
−81
dBc
Minimum gain
−76
−80
dBc
Third Harmonic (HD3)
Maximum gain
−85
−88
dBc
Minimum gain
−88
−88
dBc
Third-Order Intermodulation
Distortion (IMD3)
VOUT = 1.2 V p-p composite (2 MHz
spacing)
Maximum gain
−100
−100
dBc
Minimum gain
−95
−100
dBc
1 dB Compression Point (OP1dB)
AV = 15 dB
17.2
18.8
dBm
Noise Figure (NF)
AV = 15 dB
6.0
5.8
dB
Noise Density Referred to Output
(RTO)
AV = 15 dB
−154
−154
dBm/Hz
AC PERFORMANCE, 500 MHz
Second Harmonic (HD2)
Maximum gain
−77
−80
dBc
Minimum gain
−82
−85
dBc
Third Harmonic (HD3)
Maximum gain
−75
−81
dBc
Minimum gain
−75
−82
dBc
Third-Order Intermodulation
Distortion (IMD3)
VOUT = 1.2 V p-p composite (2 MHz
spacing)
Maximum gain
−90
−90
dBc
Minimum gain
−95
−90
dBc
1 dB Compression Point (OP1dB)
AV = 15 dB
17.8
19.3
dBm
Noise Figure (NF)
AV = 15 dB
5.8
5.6
dB
Noise Density Referred to Output
(RTO)
AV = 15 dB
−154
−154
dBm/Hz
AC PERFORMANCE, 1 GHz
Second Harmonic (HD2)
Maximum gain
−83
−84
dBc
Minimum gain
−83
−80
dBc
Third Harmonic (HD3)
Maximum gain
−78
−83
dBc
Minimum gain
−77
−83
dBc
Third-Order Intermodulation
Distortion (IMD3)
VOUT = 1.2 V p-p composite (2 MHz
spacing)
Maximum gain
−87
−90
dBc
Minimum gain
−86
−92
dBc
1 dB Compression Point (OP1dB)
AV = 15 dB
18.1
21.1
dBm
Noise Figure (NF)
AV = 15 dB
5.6
5.5
dB
Noise Density Referred to Output
(RTO)
AV = 15 dB
−154
−154
dBm/Hz
AC PERFORMANCE, 1.5 GHz
Second Harmonic (HD2)
Maximum gain
−73
−76
dBc
Minimum gain
−75
−77
dBc
Third Harmonic (HD3)
Maximum gain
−75
−75
dBc
Minimum gain
−75
−75
dBc
Rev. A | Page 4 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com