Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 4Page - Analog Devices ADA4961 Datasheet HTML 5Page - Analog Devices ADA4961 Datasheet HTML 6Page - Analog Devices ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices ADA4961 Datasheet HTML 10Page - Analog Devices ADA4961 Datasheet HTML 11Page - Analog Devices ADA4961 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADA4961
PIN CONFIGURATIONAND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
MODE
GND
GND
VIN–
VIN+
GND
LATCH
DNC
DNC
VOUT–
VOUT+
DNC
ADA4961
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. CONNECT THE EXPOSED PAD TO GROUND.
Figure 3. Pin Configuration
Table 6. PinFunction Descriptions
Pin No.
Mnemonic
Description
1, 4, 5
GND
Power Supply Ground. Connect to system ground plane.
2, 3
VIN+, VIN−
Differential Inputs.
6
MODE
Mode Select Pin for Gain Control. Low indicates serial peripheral interface (SPI), and high (up to 3.3 V)
indicates parallel interface.
7
SDIO
Serial Data Input/Output Pin for SPI Gain Control.
8
A4/CLK
Bit A4 for Parallel Gain Control/Serial Clock Pin for SPI Gain Control.
9
A3/CS
Bit A3 for Parallel Gain Control/Chip Select Pin for SPI Gain Control.
10
A2/FA
Bit A2 for Parallel Gain Control/Fast Attack Pin for SPI Gain Control.
11
A1
Bit A1 for Parallel Gain Control.
12
A0
Bit A0 for Parallel Gain Control.
13
LATCH
Latch Input Asserts Parallel Gain Control. Logic 0 asserts transparent mode, and Logic 1 asserts latched mode.
14, 15, 18
DNC
Do Not Connect. Do not connect to this pin.
16, 17
VOUT−, VOUT+
Differential Outputs.
19
PWUP
Power-Up Control Input Pin. A logic high (3.3 V) asserts power-up. A logic low asserts power-down.
20
PM
Power/Performance Control Input Pin. A logic low indicates high power and highperformance, and a logic
high indicates low power and nominalperformance. Low power mode must be assertedwithVMIN = 2.8 V.
21
VCC1
Positive Power Supply. Connect to 5 V or 3.3 V.
22
VCC2
Positive Power Supply. Connect to 5 V or 3.3 V.
23
VCC3
Positive Power Supply. Connect to 5 V or 3.3 V.
24
VCC4
Positive Power Supply. Connect to 5 V or 3.3 V.
EPAD
Exposed Pad. Connect the exposed pad to ground.
Rev. A | Page 7 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com