Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 2Page - Analog Devices ADA4961 Datasheet HTML 3Page - Analog Devices ADA4961 Datasheet HTML 4Page - Analog Devices ADA4961 Datasheet HTML 5Page - Analog Devices ADA4961 Datasheet HTML 6Page - Analog Devices ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices ADA4961 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADA4961
Parameter
Test Conditions/Comments
3.3 V Supply, Low
Power Mode
Operation1
5.0 V Supply, High
Performance
Mode Operation
Min
Typ
Max
Min
Typ
Max
Unit
Third-Order Intermodulation
Distortion (IMD3)
VOUT = 1.2 V p-p composite(2 MHz
spacing)
Maximum gain
−79
−85
dBc
Minimum gain
−77
−84
dBc
1 dB Compression Point (OP1dB)
AV = 15 dB
16.4
18.8
dBm
Noise Figure (NF)
AV = 15 dB
6.0
6.3
dB
Noise Density Referred to Output
(RTO)
AV = 15 dB
−153
−153
dBm/Hz
AC PERFORMANCE, 2 GHz
Second Harmonic (HD2)
Maximum gain
−73
−75
dBc
Minimum gain
−76
−77
dBc
Third Harmonic (HD3)
Maximum gain
−65
−70
dBc
Minimum gain
−66
−69
dBc
Third-Order Intermodulation
Distortion (IMD3)
VOUT = 1.2 V p-p composite (2 MHz
spacing)
Maximum gain
−64
−70
dBc
Minimum gain
−65
−70
dBc
1 dB Compression Point (OP1dB)
AV = 15 dB
14.5
17.0
dBm
Noise Figure (NF)
AV = 15 dB
8.8
9.0
dB
Noise Density Referred to Output
(RTO)
AV = 15 dB
−150
−150
dBm/Hz
1
3.3 V high performance mode is not recommended because IMD performance degrades at hot temperatures.
TIMING SPECIFICATIONS
Table 3.
Parameter
Description
Min
Typ
Max
Unit
tCLK
Serial Clock Period
50
ns
tDS
Setup Time Between Data and Rising Edge of SCLK
5
ns
tDH
Hold Time Between Data and Rising Edge of SCLK
5
ns
tS
Setup Time Between Falling Edge of CS and SCLK
ns
tH
Hold Time Between Rising Edge of CS and SCLK
ns
tHIGH
Minimum Period SCLK Can Be in Logic High State
25
ns
tLOW
Minimum Period SCLK Can Be in Logic Low State
25
ns
tACCESS
Maximum Time Delay Between Falling Edge of SCLK and Output Data Validfor a Read Operation
ns
tZ
Maximum Time Delay Between CS Deactivationand SDIO Bus Return to High Impedance
ns
Timing Diagram
tZ
tACCESS
tDH
tDS
tH
tCLK
tLOW
tHIGH
tS
CS
SCLK
SDIO
Figure 2.
Rev. A | Page 5 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com