Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 12Page - Analog Devices ADA4961 Datasheet HTML 13Page - Analog Devices ADA4961 Datasheet HTML 14Page - Analog Devices ADA4961 Datasheet HTML 15Page - Analog Devices ADA4961 Datasheet HTML 16Page - Analog Devices ADA4961 Datasheet HTML 17Page - Analog Devices ADA4961 Datasheet HTML 18Page - Analog Devices ADA4961 Datasheet HTML 19Page - Analog Devices ADA4961 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADA4961
AC CHARACTERIZATIONOUTPUT FILTER
Figure 37 is used in part of the accharacterization of the
ADA4961. The picosecond 5310 balun providesthe differential
input signal and the 100 Ω differential match to the device. The
3 dB pads make the picosecond balun 50 Ω impedance less
reactive on one side, which balances the differential phase
accuracy. On the outputs, the 2 nH and 2 pF create a two-pole
low-pass filter, along with the two 50 Ω resistors in parallel with
the pads and output picosecond balun.This filter createsthe
50 Ω differential load.
The output pads makethe load morebalanced. This is essential
for good HD2 performance. This filter techniquealso creates a
lighter load (slight peaking)for the device at higher frequencies,
which improvesthe IMD3 performance. Though the filter
bandwidth (BW)computes to 3.3 GHz, the parasiticC (not
shown in Figure 37) across the 2 nH filter inductors reducesthe
3 dB BW to about 2 GHz(see Figure 4). The filter, beyond
reducing integrated output noise, also reduces the higher
frequency second and third harmonics above1 GHzand
700 MHz, respectively (see Figure 20 and Figure 21).
Rev. A | Page 15 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com