Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 5Page - Analog Devices ADA4961 Datasheet HTML 6Page - Analog Devices ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices ADA4961 Datasheet HTML 10Page - Analog Devices ADA4961 Datasheet HTML 11Page - Analog Devices ADA4961 Datasheet HTML 12Page - Analog Devices ADA4961 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADA4961
Data Sheet
TYPICAL PERFORMANCECHARACTERISTICS
FREQUENCY (Hz)
18
16
14
12
10
8
6
4
2
0
–2
–4
–6
10M
100M
1G
4G
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 4. Gain vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, 5.0 V
FREQUENCY (Hz)
10M
100M
1G
4G
18
16
14
12
10
8
6
4
2
0
–2
–4
–6
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 5. Gain vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, 3.3 V
FREQUENCY (Hz)
10M
100M
1G
4G
16.5
16.0
15.0
14.5
15.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
TA = –40°C
TA = +25°C
TA = +85°C
Figure 6. MaximumGainvs. Frequency at Three Temperatures, 5.0 V, with
Low-Pass Filter
FREQUENCY (Hz)
10M
100M
1G
4G
18
16
10
12
14
8
4
6
2
0
–6
–4
–2
TA = –40°C
TA = +25°C
TA = +85°C
Figure 7. MaximumGainvs. Frequency at Three Temperatures, 3.3 V, with
Low-Pass Filter
0
200
FREQUENCY (MHz)
400 600 800 1000 1200 1400 1600 1800 2000
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
3V, LOW POWER MODE
5V, LOW POWER MODE
5V, HIGH PERFORMANCE MODE
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 8. OP1dB vs. Frequencyat15 dB, 7 dB, and0 dB Gain Settings, 5.0 V,
3.3 V, with Low-Pass Filter
0
5
10
15
20
25
0
500
1000
1500
2000
FREQUENCY (MHz)
GAIN = 0dB
GAIN = 8dB
GAIN = 15dB
Figure 9. Noise Figure vs. Frequency at 15 dB, 8 dB, and 0 dB GainSettings,
5.0 V, with Low-Pass Filter
Rev. A | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com