Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices ADA4961 Datasheet HTML 10Page - Analog Devices ADA4961 Datasheet HTML 11Page - Analog Devices ADA4961 Datasheet HTML 12Page - Analog Devices ADA4961 Datasheet HTML 13Page - Analog Devices ADA4961 Datasheet HTML 14Page - Analog Devices ADA4961 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADA4961
Data Sheet
Rev. A | Page 10 of 24
–160
–140
–120
–100
–80
–60
–40
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
0
400
1000
1400 1600 1800
200
600
800
1200
2000
5V, TA = +25°C
3.3V, TA = +25°C
5V, TA = –40°C
3.3V, TA = –40°C
5V, TA = +85°C
3.3V, TA = +85°C
5V, TA = +100°C
3.3V, TA = +100°C
HP
LP
Figure 16. IMD3 vs. Frequency at Maximum Gain, Three Temperatures,
5.0 V, 3.3 V, with Low-Pass Filter
–140
–120
–100
–80
–60
–40
–20
FREQUENCY (MHz)
0
400
1000
1400 1600 1800
200
600
800
1200
2000
5V HP, GAIN = 15, FILTERED
5V HP, GAIN = 15, UNFILTERED
5V HP, GAIN = 7, FILTERED
5V HP, GAIN = 7, UNFILTERED
5V HP, GAIN = 0, FILTERED
5V HP, GAIN = 0, UNFILTERED
Figure 17. IMD3 vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, With
and Without Low-Pass Filter, +5.0 V
–
100
–90
–80
–70
–60
–50
–40
–30
–20
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY (MHz)
0
400
1000
1400 1600 1800
200
600
800
1200
2000
TA = 25°C
5V, GAIN = 15dB
5V, GAIN = 7dB
5V, GAIN = 0dB
3.3V, GAIN = 15dB
3.3V, GAIN = 7dB
3.3V, GAIN = 0dB
3.3V AND 5V LP
5V HP
Figure 18. HD2 vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, +5.0 V,
+3.3 V, with Low-Pass Filter
–
100
–90
–80
–70
–60
–50
–40
–30
–20
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY (MHz)
0
400
1000
1400 1600 1800
200
600
800
1200
2000
TA = 25°C
3.3V AND 5V LP
5V HP
5V, GAIN = 15
5V, GAIN = 7
5V, GAIN = 0
3.3V, GAIN = 15
3.3V, GAIN = 7
3.3V, GAIN = 0
Figure 19. HD3 vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, +5.0 V,
+3.3 V, with Low-Pass Filter
–
100
–90
–80
–70
–60
–50
–40
–30
–20
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY (MHz)
0
400
1000
1400 1600 1800
200
600
800
1200
2000
GAIN = 15dB
5V, TA = +85°C
3.3V AND 5V LP
5V HP
5V, TA = +25°C
5V, TA = –40°C
3.3V, TA = +85°C
3.3V, TA = +25°C
3.3V, TA = –40°C
Figure 20. HD2 vs. Frequency at Three Temperatures, +5.0 V, +3.3 V, with
Low-Pass Filter
–
100
–90
–80
–70
–60
–50
–40
–30
–20
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY (MHz)
0
400
1000
1400 1600 1800
200
600
800
1200
2000
GAIN = 15dB
3.3V AND 5V LP
5V HP
5V, TA = +85°C
5V, TA = +25°C
5V, TA = –40°C
3.3V, TA = +85°C
3.3V, TA = +25°C
3.3V, TA = –40°C
Figure 21. HD3 vs. Frequency at Three Temperatures, 5.0 V, 3.3 V, with
Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com