Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 17Page - Analog Devices ADA4961 Datasheet HTML 18Page - Analog Devices ADA4961 Datasheet HTML 19Page - Analog Devices ADA4961 Datasheet HTML 20Page - Analog Devices ADA4961 Datasheet HTML 21Page - Analog Devices ADA4961 Datasheet HTML 22Page - Analog Devices ADA4961 Datasheet HTML 23Page - Analog Devices ADA4961 Datasheet HTML 24Page - Analog Devices ADA4961 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADA4961
LAYOUT CONSIDERATIONS
When designing the board, take careto minimize the parasitic
capacitance caused by the routing that connects theRF outputs.
A good practice is to avoid any ground or power planeunder
this routing region and under the chokes to minimize the
parasiticcapacitance.
EVALUATIONBOARD
The ADA4961 evaluation board is a 4-layer boardbuilt on FR4
material. The board is configured for a single-ended input and a
single-ended output.All RF input and output traces are50 Ω.
On the RF input, the Mini-Circuits® TCM2-43X balun, a 2:1
impedance balun, is used to match external 50 Ω generatorsto
the 100 Ω differential input of the ADA4961. On the RF output,
the Mini-Circuits TCM1-43X balun, a 1:1 impedancebalun, is
used to convert the differential output of the amplifier to the
single-ended outputof the evaluation board.
The outstanding linearity performance over frequency is
achieved in part by the RF outputs having a dcbias to the
supply, typically 5 V for best performance. RF chokes provide
the path to the bias supply fromthe RF output to the positive
supply rail. It is highly recommendedthat Coilcraft 0805CS-
471XJLC 470 nH inductors be used for bias. The self resonant
frequency of these inductors is high enough so that it does not
impact the performance of the ADA4961 at up to 4 GHz.
A complete description of operating the evaluation boardand
evaluation boardsoftwareis given in the EV-ADA4961SDP1Z
user guide.
A bill of materials for the RF section of the evaluation board is
given in Table 11.
2nH
470nH
470nH
+5.0V
+5.0V
AC
1:2
DIGITAL
INTERFACE
ADA4961
2nH
2pF
MARKI
BAL-0006GSMG
BAND-PASS
FILTER
50Ω
0.1µF
0.1µF
0.1µF
0.1µF
50Ω
+5.0V
+
+
2pF
Figure 49. ADC Interface Circuit Using a Low-Pass Antialias Filter
Table 11.
Reference Designator
Description
Manufacturer
Part Number
ADA4961ACPZN-R7
Device under test
Analog Devices, Inc.
ADA4961ACPZN-R7
J1, J2
Input, output SMA connectors
Johnson
142-0701-801
T1
RF input balun
Mini-Circuits
TCM2-43x+
L1, L2
470 nH RF bias chokes
Coilcraft
0805CS-471XJLC
T2
RF output balun
Mini-Circuits
TCM1-43x+
C1, C2, C3, C4
0.1 μF RF dc blocking capacitors
Murata-Erie
GRM155R71C104KA88D
R1, R2
8.87 Ω input matching pad
Panasonic
ERJ2GEJ9R1X
Rev. A | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com