Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 3Page - Cypress Semiconductor MB39C604 Datasheet HTML 4Page - Cypress Semiconductor MB39C604 Datasheet HTML 5Page - Cypress Semiconductor MB39C604 Datasheet HTML 6Page - Cypress Semiconductor MB39C604 Datasheet HTML 7Page - Cypress Semiconductor MB39C604 Datasheet HTML 8Page - Cypress Semiconductor MB39C604 Datasheet HTML 9Page - Cypress Semiconductor MB39C604 Datasheet HTML 10Page - Cypress Semiconductor MB39C604 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 7 of 36
MB39C604
5. Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
VDD pin Input Voltage
VDD
VDD pin
9
-
20
V
DIM pin Input Voltage
VDIM
DIM pin
After UVLO release
0
-
5
V
DIM pin Input Current
IDIM
DIM pin
Before UVLO release
0
-
2.5
µA
TZE pin Resistance
RTZE
TZE pin
50
-
200
kΩ
ADJ pin Resistance
RADJ
ADJ pin
9.3
-
185.5
kΩ
COMP pin Capacitance
CCOMP
COMP pin
-
4.7
-
µF
VDD pin Capacitance
CBP
Set between VDD pin and GND pin
-
100
-
µF
Operating Junction Temperature
Tj
-
-40
-
+125
°C
WARNING:
1. The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of
the device's electrical characteristics are warranted when the device is operated under these conditions.
2. Any use of semiconductor devices will be under their recommended operating condition.
3. Operation under any conditions other than these conditions may adversely affect reliability of device and could result in device
failure.
4. No warranty is made with respect to any use, operating conditions or combinations not represented on this data sheet. If you
are considering application under any conditions other than listed herein, please contact sales representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com