Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB39C604 Datasheet HTML 1Page - Cypress Semiconductor MB39C604 Datasheet HTML 2Page - Cypress Semiconductor MB39C604 Datasheet HTML 3Page - Cypress Semiconductor MB39C604 Datasheet HTML 4Page - Cypress Semiconductor MB39C604 Datasheet HTML 5Page - Cypress Semiconductor MB39C604 Datasheet HTML 6Page - Cypress Semiconductor MB39C604 Datasheet HTML 7Page - Cypress Semiconductor MB39C604 Datasheet HTML 8Page - Cypress Semiconductor MB39C604 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MB39C604
PSR LED Driver IC for
LED Lighting
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-08441 Rev.*A
Revised February 22, 2016
MB39C604 is a Primary Side Regulation (PSR) LED driver IC for LED lighting. Using the information of the primary peak current and
the transformer-energy-zero time, it is able to deliver a well regulated current to the secondary side without using an opto-coupler in
an isolated flyback topology. Operating in critical conduction mode, a smaller transformer is required. In addition, MB39C604 has a
built-in dimmable circuit and can constitute the lighting system for PWM dimming.
It is most suitable for the general lighting applications, for example replacement of commercial and residential incandescent lamps.
Features
PSR topology in an isolated flyback circuit
High power factor (>0.9 : Not dimming) in Single Conversion
High efficiency (>85% : Not dimming) and low EMI by detecting transformer zero energy
PWM Dimmable LED lighting
Highly reliable protection functions
Under voltage lock out (UVLO)
Over voltage protection (OVP)
Over current protection (OCP)
Short circuit protection (SCP)
Over temperature protection (OTP)
Switching frequency setting : 30 kHz to 133 kHz
Input voltage range VDD : 9V to 20V
Input voltage for LED lighting applications : AC110V
RMS, AC230VRMS
Output power range for LED lighting applications : 5W to 50W
Small Package : SOP-8 (3.9 mm × 5.05 mm × 1.75 mm[Max])
Applications
LED lighting
PWM dimmable LED lighting
Online Design Simulation
Easy De
signSim
This product supports the web-based design simulation tool.
It can easily select external components and can display useful information.
Please access from the following URL.
cypress.transim.com/login.aspx


Similar Part No. - MB39C604

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
High power factor in single conversion
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
High Power Factor LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNE1 CYPRESS-MB39C603PF-G-JNE1 Datasheet
1Mb / 30P
Phase Dimmable PSR LED Driver IC for LED Lighting
More results

Similar Description - MB39C604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7659ST ETC2-OM7659ST Datasheet
28Kb / 2P
VOLTAGE CONVERTER IN AN ISOLATED
logo
Linear Technology
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
Isolated Flyback Converter Without an Opto-Coupler
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
Isolated Flyback Converter without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
Isolated Flyback Converter Without an Opto-Coupler
logo
Fairchild Semiconductor
AN-8033 FAIRCHILD-AN-8033 Datasheet
825Kb / 16P
Primary Side Regulated (PSR) Flyback Converter
logo
STMicroelectronics
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
08-Feb-2013
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
18-Feb-2013
logo
Linear Technology
LT3573 LINER-LT3573_15 Datasheet
281Kb / 26P
Isolated Flyback Converter without an Opto-Coupler
LT3574 LINER-LT3574_15 Datasheet
294Kb / 24P
Isolated Flyback Converter Without an Opto-Coupler
LT3575 LINER-LT3575_15 Datasheet
251Kb / 24P
Isolated Flyback Converter without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com