Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 10Page - Cypress Semiconductor MB39C604 Datasheet HTML 11Page - Cypress Semiconductor MB39C604 Datasheet HTML 12Page - Cypress Semiconductor MB39C604 Datasheet HTML 13Page - Cypress Semiconductor MB39C604 Datasheet HTML 14Page - Cypress Semiconductor MB39C604 Datasheet HTML 15Page - Cypress Semiconductor MB39C604 Datasheet HTML 16Page - Cypress Semiconductor MB39C604 Datasheet HTML 17Page - Cypress Semiconductor MB39C604 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 14 of 36
MB39C604
8.5
Power-Off Sequence
After the AC line voltage is removed, VBULK is discharged by switching operation. Since any Secondary Winding current does not
flow, ILED is supplied only from output capacitors and decreases gradually. VVDD also decreases because there is no current supply
from both Auxiliary Winding and VBULK. When VVDD falls below the UVLO threshold voltage, MB39C604 shuts down.
Figure 10. Power-Off Waveform
VBULK
DRV
VDD
VLED
AC line removed
UVLO Vth = 7.9V
Shutdown
8.6
IP_PEAK Detection Function
MB39C604 detects Primary Winding peak current (IP_PEAK) of Transformer. ILED is set by connecting a sense resistance (Rcs)
between the CS pin and the GND pin. Maximum IP_PEAK (IP_PEAKMAX) limited by Over Current Protection (OCP) can also be set with
the resistance.
Using the Secondary to Primary turns ratio (NP/NS) and ILED, RCS is set as the following equation (refer to 8.1)
RCS=
S
P
N
N
×
LED
I
0.14
In addition, using the OCP threshold voltage (VOCPTH) and RCS, IP_PEAKMAX is calculated with the following equation.
IP_PEAKMAX =
R
V
CS
OCPTH
8.7
Zero Voltage Switching Function
MB39C604 has built-in zero voltage switching function to minimize switching loss of the external switching MOSFET. This device
detects a zero crossing point through a resistor divider connected from the TZE pin to Auxiliary Winding. A zero energy detection
circuit detects a negative crossing point of the voltage on the TZE pin to Zero energy threshold voltage (VTZETL). On-timing of
switching MOSFET is decided with waiting an adjustment time (tADJ) after the negative crossing occurs.
tADJ is set by connecting an external resistance (RADJ) between the ADJ pin and the GND pin. Using Primary Winding inductance
(LP) and the parasitic drain capacitor of switching MOSFET (CD), tADJ is calculated with the following equation.
tADJ =
2
C
×
L
π
D
P
Using tADJ, RADJ is set as the following equation.
RADJ [kΩ] = 0.0927 × tADJ [ns]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com