Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 28Page - Cypress Semiconductor MB39C604 Datasheet HTML 29Page - Cypress Semiconductor MB39C604 Datasheet HTML 30Page - Cypress Semiconductor MB39C604 Datasheet HTML 31Page - Cypress Semiconductor MB39C604 Datasheet HTML 32Page - Cypress Semiconductor MB39C604 Datasheet HTML 33Page - Cypress Semiconductor MB39C604 Datasheet HTML 34Page - Cypress Semiconductor MB39C604 Datasheet HTML 35Page - Cypress Semiconductor MB39C604 Datasheet HTML 36Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 32 of 36
MB39C604
14. Recommended Mounting Condition [JEDEC Level3] Lead Free
14.1 Recommended Reflow Condition
Table 8. Recommended Reflow Condition
Items
Contents
Method
IR(Infrared Reflow) / Convection
Times
3 times in succession
Floor life
Before unpacking
Please use within 2 years after production.
From unpacking to reflow
Within 7 days
In case over period of floor life(*1)
Baking with 125°C+/-3°C for 24hrs+2hrs/-0hrs is required. Then please
use within 7 days. (Please remember baking is up to 2 times)
Floor life
condition
Between 5°C and 30°C and also below 60%RH required. (It is preferred lower humidity in the required temp range.)
*1: Concerning the Tape & Reel product, please transfer product to heatproof tray and so on when you perform baking.
Also please prevent lead deforming and ESD damage during baking process.
14.2 Reflow Profile
Figure 18. Reflow Profile
260°C Max. (J-STD-020D)
TL to TP : Ramp Up Rate
3°C/s Max.
TS
: Preheat & Soak
150 to 200°C, 60 to 120s
TP - tP
: Peak Temperature
260°C Down, within 30s
TL - tL
: Liquidous Temperature
217°C, 60 to 150s
TP to TL : Ramp Down Rate
6°C/s Max.
Time 25°C to Peak
8min Max.
Temperature on the top of the package body is measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com