Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 28Page - Cypress Semiconductor MB39C604 Datasheet HTML 29Page - Cypress Semiconductor MB39C604 Datasheet HTML 30Page - Cypress Semiconductor MB39C604 Datasheet HTML 31Page - Cypress Semiconductor MB39C604 Datasheet HTML 32Page - Cypress Semiconductor MB39C604 Datasheet HTML 33Page - Cypress Semiconductor MB39C604 Datasheet HTML 34Page - Cypress Semiconductor MB39C604 Datasheet HTML 35Page - Cypress Semiconductor MB39C604 Datasheet HTML 36Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 33 of 36
MB39C604
15. Package Dimensions
8-pin plastic SOP
Lead pitch
1.27 mm
Package width×
package length
3.9 mm × 5.05 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.75 mm MAX
Weight
0.06 g
8-pin plastic SOP
(FPT-8P-M02)
(FPT-8P-M02)
C
1.27(.050)
3.90±0.30
6.00±0.20
.199–.008
+.010
–0.20
+0.25
5.05
0.13(.005) M
(.154±.012) (.236±.008)
0.10(.004)
1
4
5
8
0.44±0.08
(.017±.003)
–0.07
+0.03
0.22
.009
+.001
–.003
45°
0.40(.016)
"A"
0~8°
0.25(.010)
(Mounting height)
Details of "A" part
1.55±0.20
(.061±.008)
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.15±0.10
(.006±.004)
(Stand off)
*1
*2
2002-2012 FUJITSU SEMICONDUCTOR LIMITED F08004S-c-5-10
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) *1 : These dimensions include resin protrusion.
Note 2) *2 : These dimensions do not include resin protrusion.
Note 3) Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com